công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RM48L940 bảng dữ liệu(PDF) 62 Page - Texas Instruments

tên linh kiện RM48L940
Giải thích chi tiết về linh kiện  RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

RM48L940 bảng dữ liệu(HTML) 62 Page - Texas Instruments

Back Button RM48L940_V01 Datasheet HTML 58Page - Texas Instruments RM48L940_V01 Datasheet HTML 59Page - Texas Instruments RM48L940_V01 Datasheet HTML 60Page - Texas Instruments RM48L940_V01 Datasheet HTML 61Page - Texas Instruments RM48L940_V01 Datasheet HTML 62Page - Texas Instruments RM48L940_V01 Datasheet HTML 63Page - Texas Instruments RM48L940_V01 Datasheet HTML 64Page - Texas Instruments RM48L940_V01 Datasheet HTML 65Page - Texas Instruments RM48L940_V01 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 174 page
background image
BIAS_EN
Low-Power
Oscillator
LFEN
LF_TRIM
HFEN
HF_TRIM
CLK80K
CLK10M
CLK10M_VALID
nPORRST
RM48L940, RM48L740, RM48L540
SPNS175C – APRIL 2012 – REVISED JUNE 2015
www.ti.com
6.6.1.2
Low-Power Oscillator (LPO)
The LPO is comprised of two oscillators — HF LPO and LF LPO, in a single macro.
6.6.1.2.1 Features
The main features of the LPO are:
Supplies a clock at extremely low power for power-saving modes. This is connected as clock source
# 4 of the GCM.
Supplies a high-frequency clock for nontiming-critical systems. This is connected as clock source # 5
of the GCM.
Provides a comparison clock for the crystal oscillator failure detection circuit.
Figure 6-5. LPO Block Diagram
Figure 6-5 shows a block diagram of the internal reference oscillator. This is an LPO and provides two
clock sources: one nominally 80 kHz and one nominally 10 MHz.
6.6.1.2.2 LPO Electrical and Timing Specifications
Table 6-10. LPO Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Oscillator fail frequency - lower threshold, using
1.375
2.4
4.875
untrimmed LPO output
Clock Detection
Oscillator fail frequency - higher threshold, using
MHz
22
38.4
78
untrimmed LPO output
Untrimmed frequency
5.5
9
19.5
Trimmed frequency
8
9.6
11
MHz
LPO - HF oscillator
Start-up time from STANDBY (LPO BIAS_EN High for
(fHFLPO)
10
µs
at least 900 µs)
Cold start-up time
900
µs
Untrimmed frequency
36
85
180
kHz
LPO - LF oscillator
Start-up time from STANDBY (LPO BIAS_EN High for
100
µs
(fLFLPO)
at least 900 µs)
Cold start-up time
2000
µs
62
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback


Số phần tương tự - RM48L940_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
RM48L940DPGET TI1-RM48L940DPGET Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940DZWTT TI1-RM48L940DZWTT Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940PGET TI1-RM48L940PGET Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940ZWTT TI1-RM48L940ZWTT Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
More results

Mô tả tương tự - RM48L940_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940 Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com