công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RM48L940 bảng dữ liệu(PDF) 51 Page - Texas Instruments

tên linh kiện RM48L940
Giải thích chi tiết về linh kiện  RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

RM48L940 bảng dữ liệu(HTML) 51 Page - Texas Instruments

Back Button RM48L940_V01 Datasheet HTML 47Page - Texas Instruments RM48L940_V01 Datasheet HTML 48Page - Texas Instruments RM48L940_V01 Datasheet HTML 49Page - Texas Instruments RM48L940_V01 Datasheet HTML 50Page - Texas Instruments RM48L940_V01 Datasheet HTML 51Page - Texas Instruments RM48L940_V01 Datasheet HTML 52Page - Texas Instruments RM48L940_V01 Datasheet HTML 53Page - Texas Instruments RM48L940_V01 Datasheet HTML 54Page - Texas Instruments RM48L940_V01 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 174 page
background image
RM48L940, RM48L740, RM48L540
www.ti.com
SPNS175C – APRIL 2012 – REVISED JUNE 2015
6
System Information and Electrical Specifications
6.1
Device Power Domains
The device core logic is split up into multiple power domains in order to optimize the power for a given
application use case. There are eight core power domains in total: PD1, PD2, PD3, PD4, PD5, RAM_PD1,
RAM_PD2, and RAM_PD3.
The actual contents of these power domains are indicated in Section 1.4.
PD1 is an "always-ON" power domain, which cannot be turned off. Each of the other core power domains
can be turned ON/OFF one time during device initialization as per the application requirement. Refer to
the Power Management Module (PMM) chapter of RM48x Technical Reference Manual (SPNU503) for
more details.
NOTE
The clocks to a module must be turned off before powering down the core domain that
contains the module.
NOTE
The logic in the modules that are powered down lose power completely. Any access to
modules that are powered down results in an abort being generated. When power is
restored, the modules power up to their default states (after normal power up). No register or
memory contents are preserved in the core domains that are turned off.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
51
Submit Documentation Feedback


Số phần tương tự - RM48L940_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
RM48L940DPGET TI1-RM48L940DPGET Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940DZWTT TI1-RM48L940DZWTT Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940PGET TI1-RM48L940PGET Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940ZWTT TI1-RM48L940ZWTT Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
More results

Mô tả tương tự - RM48L940_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
RM48L940 TI1-RM48L940_15 Datasheet
8Mb / 172P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940 Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com