công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA862 bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện OPA862
Giải thích chi tiết về linh kiện  OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

OPA862 bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button OPA862_V02 Datasheet HTML 14Page - Texas Instruments OPA862_V02 Datasheet HTML 15Page - Texas Instruments OPA862_V02 Datasheet HTML 16Page - Texas Instruments OPA862_V02 Datasheet HTML 17Page - Texas Instruments OPA862_V02 Datasheet HTML 18Page - Texas Instruments OPA862_V02 Datasheet HTML 19Page - Texas Instruments OPA862_V02 Datasheet HTML 20Page - Texas Instruments OPA862_V02 Datasheet HTML 21Page - Texas Instruments OPA862_V02 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
7.3 Feature Description
7.3.1 Input and ESD Protection
The OPA862 is built using a high-speed complementary bipolar process. The internal junction breakdown
voltages are relatively low for these very small geometry devices. These breakdowns are reflected in Section
6.1. As shown in Figure 7-1 all device pins are protected with internal ESD protection diodes to the power
supplies.
These diodes provide moderate protection to input overdrive voltages beyond the supplies as well. The
protection diodes can typically support 10-mA continuous current. Where higher currents are possible (for
example, in systems with ±12-V supply parts driving into the OPA862), add current limiting series resistors in
series with the inputs to limit the current. Keep these resistor values as low as possible because high values can
degrade both noise performance and frequency response. The OPA862 has back-to-back ESD diodes between
the VIN and VFB pins. As a result, the differential input voltage between the VIN and VFB pins must be limited to
0.7 V or less to keep from forward biasing these back-to-back ESD diodes. The diodes are robust enough to
survive transient conditions such as those common during slew conditions. In the event the differential input
voltage exceeds 0.7 V, these back-to-back diodes forward bias and protect the amplifier but the current must be
limited per the specifications in Section 6.1 to avoid permanent damage to these diodes or the amplifier.
A1
+
±
A2
+
±
700
700
OPA862
RINT
RINT
VREF
VS±
VS+
VOUT±
PD
VFB
VIN
VOUT+
Power Supply
ESD Cell
Figure 7-1. Internal ESD Protection
OPA862
SBOS919C – AUGUST 2019 – REVISED AUGUST 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA862


Số phần tương tự - OPA862_V02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
More results

Mô tả tương tự - OPA862_V02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI1-OPA862 Datasheet
920Kb / 24P
[Old version datasheet]   OPA862 12.6-V, Low-Noise, Single-Ended-to-Differential, High Input Impedance Amplifier
logo
Linear Technology
LT6350 LINER-LT6350_15 Datasheet
877Kb / 28P
   Low Noise Single-Ended to Differential Converter/ADC Driver
LT6350 LINER-LT6350 Datasheet
572Kb / 28P
   Low Noise Single-Ended to Differential Converter/ADC Driver
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
VCA261XEVM TI1-VCA261XEVM Datasheet
405Kb / 10P
[Old version datasheet]   SINGLE-ENDED TO DIFFERENTIAL INPUT VIA TRANSFORMERS FOR VCA
logo
Analog Devices
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com