công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WSE3098 bảng dữ liệu(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

tên linh kiện WSE3098
Giải thích chi tiết về linh kiện  N-Ch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Trang chủ  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSE3098 bảng dữ liệu(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSE3098 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3098 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3098 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3098 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3098 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
30
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.023
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=
8A
---
18.5
26
m
Ω
VGS=4.5V , ID=
5A
---
23
38
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
1.8
2.5
V
VGS(th)
VGS(th) Temperature Coefficient
---
-4.2
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=24V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=24V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=6A
---
5.6
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
1.8
3.5
Ω
Qg
Total Gate Charge (4.5V)
VDS=15V , VGS=4.5V , ID=
8A
---
3.9
6.9
nC
Qgs
Gate-Source Charge
---
1.6
2.1
Qgd
Gate-Drain Charge
---
1.4
2.6
Td(on)
Turn-On Delay Time
VDD=15V , VGEN=10V , RG=6Ω
ID=6A
, RL=15Ω
---
5.2
4.4
ns
Tr
Rise Time
---
8.8
69
Td(off)
Turn-Off Delay Time
---
13.5
24.8
Tf
Fall Time
---
3.4
9.6
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
408
pF
Coss
Output Capacitance
---
72
Crss
Reverse Transfer Capacitance
---
40
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy
5
VDD=25V , L=0.
5mH , IAS=7.2A
6
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
VG=VD=0V , Force Current
---
---
2.0
A
ISM
Pulsed Source Current
2,6
---
---
32
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
---
---
1.
1
V
trr
Reverse Recovery Time
IF=
8A , dI/dt=100A/µs , TJ=25℃
---
12
---
nS
Qrr
Reverse Recovery Charge
---
3.5
---
nC
Diode Characteristics
Guaranteed Avalanche Characteristics
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper,t<10sec.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.
5mH,IAS=7.2A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
WSE3098
N-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
---
---
---


Số phần tương tự - WSE3098

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Guan Hua Wei Y...
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
   P-Ch MOSFET
More results

Mô tả tương tự - WSE3098

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Guan Hua Wei Y...
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
   N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
   N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
   N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
   N-Ch MOSFET
WSF3040 WIINSOK-WSF3040 Datasheet
820Kb / 5P
   N-Ch MOSFET
WSK140N03 WIINSOK-WSK140N03 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSP06N10 WIINSOK-WSP06N10 Datasheet
987Kb / 5P
   N-Ch MOSFET
WSP14N10 WIINSOK-WSP14N10 Datasheet
1Mb / 6P
   N-Ch MOSFET
WSP4404 WIINSOK-WSP4404 Datasheet
779Kb / 7P
   N-Ch MOSFET
WSR50N06 WIINSOK-WSR50N06 Datasheet
722Kb / 5P
   N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com