công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMQ61460 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMQ61460
Giải thích chi tiết về linh kiện  LMQ61460 3-V to 36-V, 6 A, Low EMI Synchronous Step-Down Quiet Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMQ61460 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMQ61460 Datasheet HTML 4Page - Texas Instruments LMQ61460 Datasheet HTML 5Page - Texas Instruments LMQ61460 Datasheet HTML 6Page - Texas Instruments LMQ61460 Datasheet HTML 7Page - Texas Instruments LMQ61460 Datasheet HTML 8Page - Texas Instruments LMQ61460 Datasheet HTML 9Page - Texas Instruments LMQ61460 Datasheet HTML 10Page - Texas Instruments LMQ61460 Datasheet HTML 11Page - Texas Instruments LMQ61460 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
Limits apply over the recommended operating junction temperature range of -40°C to +150°C, unless otherwise
stated. Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 13.5 V.
Parameter
Test Condition
MIN
TYP
MAX
UNI
T
POWER GOOD
tPGDFLT(rise)
Delay time to PGOOD high signal
1.5
2
2.5 ms
tPGDFLT(fall)
Glitch filter time constant for
PGOOD function
120
µs
(1)
Parameter specified using design, statistical analysis and production testing of correlated parameters; not tested in production.
LMQ61460
SNVSBR8A – JULY 2020 – REVISED AUGUST 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LMQ61460


Số phần tương tự - LMQ61460

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMQ61460 TI-LMQ61460 Datasheet
3Mb / 52P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A, Low EMI Synchronous Step-Down Converter
LMQ61460-Q1 TI1-LMQ61460-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A , Low EMI Synchronous Step-Down Quiet Converter
LMQ61460-Q1 TI-LMQ61460-Q1 Datasheet
3Mb / 52P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A, Low EMI Synchronous Step-Down Converter
LMQ61460-Q1 TI-LMQ61460-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   LM63460-Q1 3-V to 36-V, 6-A Automotive Synchronous Buck DC/DC Converter With Adjustable Switching Frequency, Optimized for Reliability and Low EMI
DECEMBER 2021
LMQ61460-Q1 TI-LMQ61460-Q1_V01 Datasheet
3Mb / 52P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A, Low EMI Synchronous Step-Down Converter
More results

Mô tả tương tự - LMQ61460

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMQ61460-Q1 TI1-LMQ61460-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A , Low EMI Synchronous Step-Down Quiet Converter
LMQ61460-Q1 TI-LMQ61460-Q1_V01 Datasheet
3Mb / 52P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A, Low EMI Synchronous Step-Down Converter
LMQ62440-Q1 TI1-LMQ62440-Q1_V01 Datasheet
253Kb / 5P
[Old version datasheet]   LMQ62440-Q1 Automotive 3-V to 36-V, 4 A, Low EMI Synchronous Step-Down Quiet Converter
LMQ62440-Q1 TI1-LMQ62440-Q1 Datasheet
252Kb / 4P
[Old version datasheet]   LMQ62440-Q1 Automotive 3-V to 36-V, 4 A, Low EMI Synchronous Step-Down Quiet Converter
LM61460 TI1-LM61460 Datasheet
87Kb / 6P
[Old version datasheet]   3-V to 36-V, 6-A, Low-Noise Synchronous Step-Down Converter
LM61460-Q1 TI1-LM61460-Q1_V01 Datasheet
2Mb / 54P
[Old version datasheet]   LM61460-Q1 Automotive 3-V to 36-V, 6-A, Low EMI Synchronous Step-Down Converter
LM61460-Q1 TI1-LM61460-Q1_V02 Datasheet
2Mb / 56P
[Old version datasheet]   LM61460-Q1 Automotive 3-V to 36-V, 6-A, Low EMI Synchronous Step-Down Converter
LM61440 TI1-LM61440_V01 Datasheet
2Mb / 51P
[Old version datasheet]   LM61440 3-V to 36-V, 4-A, Low EMI Synchronous Step-Down Converter
LM61430-Q1 TI-LM61430-Q1 Datasheet
4Mb / 55P
[Old version datasheet]   LM61430-Q1 3-V to 36-V, 3-A, Low-EMI Synchronous Step-Down Converter
SNVSBY6 ??OCTOBER 2021
LM61460 TI1-LM61460_V01 Datasheet
74Kb / 4P
[Old version datasheet]   LM61460 3-V to 36-V, 6-A, Low-Noise Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com