công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS90LV028A-Q1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DS90LV028A-Q1
Giải thích chi tiết về linh kiện  DS90LV028A-Q1 Automotive LVDS Dual Differential Line Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DS90LV028A-Q1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  DS90LV028A-Q1 Datasheet HTML 1Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 2Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 3Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 4Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 5Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 6Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 7Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 8Page - Texas Instruments DS90LV028A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
6.5 Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified. (1) (2)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
VTH
Differential Input High Threshold
VCM(1) = +1.2 V, 0.5 + (|VID|/2) V, 2.1 - (|VID|/2(2)
RIN+,
RIN
+100
mV
VTL
Differential Input Low Threshold
−100
mV
IIN
Input Current
VIN = +2.8V
VCC = 3.6V or 0V
−10
±1
+10
uA
VIN = 0V
−10
±1
+10
uA
VIN = +3.6V
VCC = 0V
-20
+20
uA
VOH
Output High Voltage
IOH = −0.4 mA, VID (2) = +200 mV
ROUT
2.7
3.1
V
VOL
Output Low Voltage
IOL = 2 mA, VID (2) = −200 mV
0.3
0.5
V
IOS
Output Short Circuit Current
VOUT = 0V (3)
−100
−50
−15
mA
VCL
Input Clamp Voltage
ICL = −18 mA
−1.5
−0.8
V
ICC
No Load Supply Current
VID (2) = +200 mV or -200mV
VCC
5.4
9
mA
(1)
VCM is input common mode voltage |(VRIN+ + VRIN-)/2|
(2)
VID is input differential voltage (VRIN+ - VRIN-)
6.6 Switching Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.(2) (4) (5)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHLD
Differential Propagation Delay High to Low
CL = 15 pF
1.0
1.6
2.5
ns
tPLHD
Differential Propagation Delay Low to High
VID = 200 mV
1.0
1.7
2.5
ns
tSKD1
Differential Pulse Skew |tPHLD − tPLHD| (6)
(Figure 7-1 and Figure 7-2)
0
50
650
ps
tSKD2
Differential Channel-to-Channel Skew-same device (7)
0
0.1
0.5
ns
tSKD3
Differential Part to Part Skew (8)
0
1.0
ns
tSKD4
Differential Part to Part Skew (9)
0
1.5
ns
tTLH
Rise Time
325
800
ps
tTHL
Fall Time
225
800
ps
fMAX
Maximum Operating Frequency (10)
250
MHz
(1)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
unless otherwise specified (such as VID).
(2)
All typicals are given for: VCC = +3.3V and TA = +25°C.
(3)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be shorted
at a time, do not exceed maximum junction temperature specification.
(4)
CL includes probe and jig capacitance.
(5)
Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO = 50Ω, tr and tf (0% to 100%) ≤ 3 ns for RIN.
(6)
tSKD1 is the magnitude difference in differential propagation delay time between the positive-going-edge and the negative-going-edge
of the same channel.
(7)
tSKD2 is the differential channel-to-channel skew of any event on the same device. This specification applies to devices having multiple
receivers within the integrated circuit.
(8)
tSKD3, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices
at the same VCC and within 5°C of each other within the operating temperature range.
(9)
tSKD4, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices
over the recommended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max − Min|
differential propagation delay.
(10) fMAX generator input conditions: tr = tf < 1 ns (0% to 100%), 50% duty cycle, differential (1.05V to 1.35 peak to peak). Output criteria:
60%/40% duty cycle, VOL (max 0.4V), VOH (min 2.7V), load = 15 pF (stray plus probes).
www.ti.com
DS90LV028A-Q1
SNLS672 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DS90LV028A-Q1


Số phần tương tự - DS90LV028A-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028AH NSC-DS90LV028AH Datasheet
648Kb / 8P
   High Temperature 3V LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV028AH TI1-DS90LV028AH Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AHM NSC-DS90LV028AHM Datasheet
648Kb / 8P
   High Temperature 3V LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LV028AHM/NOPB TI1-DS90LV028AHM/NOPB Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
More results

Mô tả tương tự - DS90LV028A-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DS90LV028ATMX TI-DS90LV028ATMX Datasheet
1Mb / 18P
[Old version datasheet]   DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1_V01 Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LT012AQ TI1-DS90LT012AQ_15 Datasheet
776Kb / 14P
[Old version datasheet]   Automotive LVDS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AQ NSC-DS90LT012AQ Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com