công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8889-Q1 bảng dữ liệu(PDF) 48 Page - Texas Instruments

tên linh kiện DRV8889-Q1
Giải thích chi tiết về linh kiện  DRV8889-Q1, DRV8889A-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DRV8889-Q1 bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button DRV8889-Q1_V02 Datasheet HTML 44Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 45Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 46Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 47Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 48Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 49Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 50Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 51Page - Texas Instruments DRV8889-Q1_V02 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
Table 7-23. Control Registers Summary Table
Address
Register Name
Section
0x03
CTRL1
Go
0x04
CTRL2
Go
0x05
CTRL3
Go
0x06
CTRL4
Go
0x07
CTRL5
Go
0x08
CTRL6
Go
0x09
CTRL7
Go
7.6.6 CTRL1 Control Register (address = 0x03)
CTRL1 control is shown in Figure 7-36 and described in Table 7-24.
Read/Write
Figure 7-36. CTRL1 Control Register
7
6
5
4
3
2
1
0
TRQ_DAC [3:0]
RSVD
SLEW_RATE [1:0]
R/W-0000b
R/W-00b
R/W-00b
Table 7-24. CTRL1 Control Register Field Descriptions
Bit
Field
Type
Default
Description
7-4
TRQ_DAC [3:0]
R/W
0000b
0000b = 100%
0001b = 93.75%
0010b = 87.5%
0011b = 81.25%
0100b = 75%
0101b = 68.75%
0110b = 62.5%
0111b = 56.25%
1000b = 50%
1001b = 43.75%
1010b = 37.5%
1011b = 31.25%
1100b = 25%
1101b = 18.75%
1110b = 12.5%
1111b = 6.25%
3-2
RSVD
R/W
00b
Reserved
1-0
SLEW_RATE [1:0]
R/W
00b
00b = 10-V/µs
01b = 35-V/µs
10b = 50-V/µs
11b = 105-V/µs
7.6.7 CTRL2 Control Register (address = 0x04)
CTRL2 is shown in Figure 7-37 and Figure 7-38 and described in Table 7-25.
DRV8889-Q1
SLVSEE9C – APRIL 2020 – REVISED AUGUST 2020
www.ti.com
48
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8889-Q1


Số phần tương tự - DRV8889-Q1_V02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8889-Q1 TI1-DRV8889-Q1_V01 Datasheet
1Mb / 58P
[Old version datasheet]   DRV8889-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
More results

Mô tả tương tự - DRV8889-Q1_V02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8889-Q1 TI1-DRV8889-Q1_V01 Datasheet
1Mb / 58P
[Old version datasheet]   DRV8889-Q1 Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
DRV8889-Q1 TI1-DRV8889-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   Automotive Stepper Driver with Integrated Current Sense, 1/256 Micro-Stepping, and Stall Detection
DRV8899-Q1 TI1-DRV8899-Q1 Datasheet
707Kb / 54P
[Old version datasheet]   DRV8899-Q1 Automotive Stepper Driver with Integrated Current Sense and 1/256 Micro-Stepping
DRV8899-Q1 TI1-DRV8899-Q1_V01 Datasheet
1Mb / 55P
[Old version datasheet]   DRV8899-Q1 Automotive Stepper Driver with Integrated Current Sense and 1/256 Micro-Stepping
logo
STMicroelectronics
L99SM81V STMICROELECTRONICS-L99SM81V Datasheet
3Mb / 85P
   Programmable stepper motor driver for automotive applications with micro-stepping and stall detection
June 2017 Rev 4
logo
Texas Instruments
DRV8434S TI-DRV8434S Datasheet
4Mb / 73P
[Old version datasheet]   DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
DRV8434A TI-DRV8434A Datasheet
3Mb / 51P
[Old version datasheet]   DRV8434A Stepper Driver With Integrated Current Sense, 1/256 Microstepping, smart tune and Stall Detection using GPIO pins
DRV8243-Q1 TI-DRV8243-Q1 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8243-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG23 ??AUGUST 2021
DRV8244-Q1 TI-DRV8244-Q1 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8244-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSG24 ??AUGUST 2021
DRV8245-Q1 TI-DRV8245-Q1_V03 Datasheet
3Mb / 80P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com