công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8714-Q1 bảng dữ liệu(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DRV8714-Q1
Giải thích chi tiết về linh kiện  DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DRV8714-Q1 bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button DRV8714-Q1 Datasheet HTML 14Page - Texas Instruments DRV8714-Q1 Datasheet HTML 15Page - Texas Instruments DRV8714-Q1 Datasheet HTML 16Page - Texas Instruments DRV8714-Q1 Datasheet HTML 17Page - Texas Instruments DRV8714-Q1 Datasheet HTML 18Page - Texas Instruments DRV8714-Q1 Datasheet HTML 19Page - Texas Instruments DRV8714-Q1 Datasheet HTML 20Page - Texas Instruments DRV8714-Q1 Datasheet HTML 21Page - Texas Instruments DRV8714-Q1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 144 page
background image
4.9 V ≤ VPVDD ≤ 37 V, –40°C ≤ TJ ≤ 150°C (unless otherwise noted). Typical limits apply for VPVDD = 13.5 V
and TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDS_LVL, SPI
VDS overcurrent protection threshold
SPI Device
VDS_LVL = 0000b
0.04
0.06
0.08
V
VDS_LVL = 0001b
0.06
0.08
0.10
VDS_LVL = 0010b
0.075
0.10
0.125
VDS_LVL = 0011b
0.095
0.12
0.145
VDS_LVL = 0100b
0.11
0.14
0.17
VDS_LVL = 0101b
0.13
0.16
0.19
VDS_LVL = 0110b
0.15
0.18
0.21
VDS_LVL = 0111b
0.17
0.2
0.23
VDS_LVL = 1000b
0.255
0.3
0.345
VDS_LVL = 1001b
0.35
0.4
0.45
VDS_LVL = 1010b
0.44
0.5
0.56
VDS_LVL = 1011b
0.52
0.6
0.68
VDS_LVL = 1100b
0.61
0.7
0.79
VDS_LVL = 1101b
0.88
1
1.12
VDS_LVL = 1110b
1.2
1.4
1.6
VDS_LVL = 1111b
1.75
2
2.25
VDS_LVL, H/W
VDS overcurrent protection threshold
H/W Device
VDS six-level input 1
0.04
0.06
0.08
V
VDS six-level input 2
0.075
0.10
0.125
VDS six-level input 3
0.17
0.2
0.23
VDS six-level input 4
0.44
0.5
0.56
VDS six-level input 5
0.88
1
1.12
VDS six-level input 6
Disabled
tDS_DG, SPI
VDS overcurrent protection deglitch time
SPI Device
VDS_DG = 00b
0.75
1
1.5
µs
VDS_DG = 01b
1.5
2
2.5
VDS_DG = 10b
3.25
4
4.75
VDS_DG = 11b
7.5
8
9
tDS_DG, H/W
VDS overcurrent protection deglitch time
H/W Device
3.25
4
4.75
µs
IOLD
Offline diagnostic current source
Pull up current
3
mA
Pull down current
3
ROLD
Offline open load resistance detection
threshold
VDS_LVL = 1.4 V,
4.9 V ≤ VDRAIN ≤ 18 V
22
50
kΩ
VDS_LVL = 1.4 V,
4.9 V ≤ VDRAIN ≤ 37 V
22
100
kΩ
VDS_LVL = 2 V,
4.9 V ≤ VDRAIN ≤ 18 V
10
25
kΩ
VDS_LVL = 2 V,
4.9 V ≤ VDRAIN ≤ 37 V
10
50
kΩ
tWD
Watchdog timer period
WD_WIN = 0b
36
40
44
ms
WD_WIN = 1b
90
100
110
VPOB_OV
Power off braking overvoltage threshold
28
31.25
36
V
VPOB_OV_HY
S
Power off braking overvoltage hysteresis
0.5
1
1.5
V
IPOB_P
Power off braking gate source current
15
mA
IPOB_N
Power off braking gate sink current
25
mA
VPOB
Power off braking gate pull up voltage
VPVDD ≥ 8V
5.5
12.5
V
DRV8714-Q1, DRV8718-Q1
SLVSEA2 – AUGUST 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8714-Q1 DRV8718-Q1


Số phần tương tự - DRV8714-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
More results

Mô tả tương tự - DRV8714-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1_V01 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V02 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V03 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V04 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V05 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
DRV8106-Q1 TI1-DRV8106-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   DRV8106-Q1 Automotive Half-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8706-Q1 TI1-DRV8706-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   DRV8706-Q1 Automotive H-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8904-Q1 TI1-DRV8904-Q1_V02 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V03 Datasheet
3Mb / 158P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V01 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com