công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8714-Q1 bảng dữ liệu(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DRV8714-Q1
Giải thích chi tiết về linh kiện  DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DRV8714-Q1 bảng dữ liệu(HTML) 99 Page - Texas Instruments

Back Button DRV8714-Q1 Datasheet HTML 95Page - Texas Instruments DRV8714-Q1 Datasheet HTML 96Page - Texas Instruments DRV8714-Q1 Datasheet HTML 97Page - Texas Instruments DRV8714-Q1 Datasheet HTML 98Page - Texas Instruments DRV8714-Q1 Datasheet HTML 99Page - Texas Instruments DRV8714-Q1 Datasheet HTML 100Page - Texas Instruments DRV8714-Q1 Datasheet HTML 101Page - Texas Instruments DRV8714-Q1 Datasheet HTML 102Page - Texas Instruments DRV8714-Q1 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 144 page
background image
8.6.3.4.2 SGD_STAT2 Register (Address = 3Dh) [reset = 0h]
SGD_STAT2 is shown in Table 8-91.
Return to the Summary Table.
Status registers indicating underflow and overflow in PDR loop control for half-bridges 1-8.
Table 8-91. SGD_STAT2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
PRE_CHR_OF_12
R
0b
Indicates pre-charge overflow fault for half-bridge 1 and 2.
6
PRE_CHR_OF_34
R
0b
Indicates pre-charge overflow fault for half-bridge 3 and 4.
5
PRE_CHR_OF_56
R
0b
Indicates pre-charge overflow fault for half-bridge 5 and 6.
4
PRE_CHR_OF_78
R
0b
Indicates pre-charge overflow fault for half-bridge 7 and 8.
3
PRE_DCHR_OF_12
R
0b
Indicates pre-discharge overflow fault for half-bridge 1 and 2.
2
PRE_DCHR_OF_24
R
0b
Indicates pre-discharge overflow fault for half-bridge 3 and 4.
1
PRE_DCHR_OF_56
R
0b
Indicates pre-discharge overflow fault for half-bridge 5 and 6.
0
PRE_DCHR_OF_78
R
0b
Indicates pre-discharge overflow fault for half-bridge 7 and 8.
8.6.3.4.3 SGD_STAT3 Register (Address = 3Eh) [reset = 0h]
SGD_STAT3 is shown in Table 8-92.
Return to the Summary Table.
Status register indicator STC rise and fall time overflow for half-bridges 1-8.
Table 8-92. SGD_STAT3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
STC_FLT_F_12
R
0b
Indicates falling slew time TDRV overflow fault for half-bridge 1 and
2.
6
STC_FLT_F_34
R
0b
Indicates falling slew time TDRV overflow fault for half-bridge 3 and
4.
5
STC_FLT_F_56
R
0b
Indicates falling slew time TDRV overflow fault for half-bridge 5 and
6.
4
STC_FLT_F_78
R
0b
Indicates falling slew time TDRV overflow fault for half-bridge 7 and
8.
3
STC_FLT_R_12
R
0b
Indicates rising slew time TDRV overflow fault for half-bridge 1 and 2.
2
STC_FLT_R_34
R
0b
Indicates rising slew time TDRV overflow fault for half-bridge 3 and 4.
1
STC_FLT_R_56
R
0b
Indicates rising slew time TDRV overflow fault for half-bridge 5 and 6.
0
STC_FLT_R_78
R
0b
Indicates rising slew time TDRV overflow fault for half-bridge 7 and 8.
8.6.4 DRV8714-Q1 Register Descriptions
8.6.4.1 DRV8714-Q1_STATUS Registers
Table 8-93 lists the DRV8714-Q1_STATUS registers. All register offset addresses not listed in Table 8-93 should
be considered as reserved locations and the register contents should not be modified.
Table 8-93. DRV8714-Q1_STATUS Registers
Address
Acronym
Register Name
Section
0h
IC_STAT1
Global fault and warning status indicators
Go
1h
VDS_STAT1
Half-bridge 1-4 VDS overcurrent fault status indicators
Go
3h
VGS_STAT1
Half-bridge 1-4 VGS gate fault status indicators
Go
5h
IC_STAT2
Voltage, temperature and interface fault status indicators
Go
6h
IC_STAT3
Device variant ID status register
Go
www.ti.com
DRV8714-Q1, DRV8718-Q1
SLVSEA2 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: DRV8714-Q1 DRV8718-Q1


Số phần tương tự - DRV8714-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
More results

Mô tả tương tự - DRV8714-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1_V01 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V02 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V03 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V04 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V05 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
DRV8106-Q1 TI1-DRV8106-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   DRV8106-Q1 Automotive Half-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8706-Q1 TI1-DRV8706-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   DRV8706-Q1 Automotive H-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8904-Q1 TI1-DRV8904-Q1_V02 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V03 Datasheet
3Mb / 158P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V01 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com