công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8714-Q1 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DRV8714-Q1
Giải thích chi tiết về linh kiện  DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DRV8714-Q1 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  DRV8714-Q1 Datasheet HTML 1Page - Texas Instruments DRV8714-Q1 Datasheet HTML 2Page - Texas Instruments DRV8714-Q1 Datasheet HTML 3Page - Texas Instruments DRV8714-Q1 Datasheet HTML 4Page - Texas Instruments DRV8714-Q1 Datasheet HTML 5Page - Texas Instruments DRV8714-Q1 Datasheet HTML 6Page - Texas Instruments DRV8714-Q1 Datasheet HTML 7Page - Texas Instruments DRV8714-Q1 Datasheet HTML 8Page - Texas Instruments DRV8714-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 144 page
background image
6 Pin Configuration and Functions
6.1 VQFN (RVJ) 56-Pin Package and Pin Functions
SCLK
1
SH5
42
Thermal
Pad
IN1
4
DRAIN
39
SDI
2
SDO
3
GL5
41
NC
40
IN2
5
nSLEEP
8
IN3
6
IN4
7
PVDD
38
CP1L
35
VCP
37
CP1H
36
AREF
10
DRVOFF/nFLT
9
CP2L
33
CP2H
34
SO1
12
AGND
11
GL4
31
GND
32
BRAKE
14
SO2
13
GH4
29
SH4
30
Figure 6-1. DRV8718S-Q1 VQFN (RVJ) 56-Pin Package Top View
SCLK
1
NC
42
Thermal
Pad
IN1/EN1
4
DRAIN
39
SDI
2
SDO
3
NC
41
NC
40
IN2/PH1
5
nSLEEP
8
IN3/EN2
6
IN4/PH2
7
PVDD
38
CP1L
35
VCP
37
CP1H
36
AREF
10
DRVOFF/nFLT
9
CP2L
33
CP2H
34
SO1
12
AGND
11
NC
31
GND
32
BRAKE
14
SO2
13
NC
29
NC
30
Figure 6-2. DRV8714S-Q1 VQFN (RVJ) 56-Pin Package Top View
DRV8714-Q1, DRV8718-Q1
SLVSEA2 – AUGUST 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8714-Q1 DRV8718-Q1


Số phần tương tự - DRV8714-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
More results

Mô tả tương tự - DRV8714-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8714-Q1 TI-DRV8714-Q1_V01 Datasheet
2Mb / 144P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V02 Datasheet
4Mb / 167P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V03 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V04 Datasheet
4Mb / 168P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
DRV8714-Q1 TI-DRV8714-Q1_V05 Datasheet
4Mb / 178P
[Old version datasheet]   DRV871x-Q1 Automotive Multi-Channel Smart Half-Bridge Gate Drivers With Wide Common Mode Inline Current Sense Amplifiers
REVISED AUGUST 2022
DRV8106-Q1 TI1-DRV8106-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   DRV8106-Q1 Automotive Half-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8706-Q1 TI1-DRV8706-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   DRV8706-Q1 Automotive H-Bridge Smart Gate Driver With Wide Common Mode Inline Current Sense Amplifier
DRV8904-Q1 TI1-DRV8904-Q1_V02 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V03 Datasheet
3Mb / 158P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
DRV8904-Q1 TI1-DRV8904-Q1_V01 Datasheet
3Mb / 156P
[Old version datasheet]   DRV89xx-Q1 Automotive Multi-Channel Half-Bridge Drivers with Advanced Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com