công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8353M bảng dữ liệu(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DRV8353M
Giải thích chi tiết về linh kiện  DRV8353M 100-V Three-Phase Smart Gate Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DRV8353M bảng dữ liệu(HTML) 58 Page - Texas Instruments

Back Button DRV8353M Datasheet HTML 54Page - Texas Instruments DRV8353M Datasheet HTML 55Page - Texas Instruments DRV8353M Datasheet HTML 56Page - Texas Instruments DRV8353M Datasheet HTML 57Page - Texas Instruments DRV8353M Datasheet HTML 58Page - Texas Instruments DRV8353M Datasheet HTML 59Page - Texas Instruments DRV8353M Datasheet HTML 60Page - Texas Instruments DRV8353M Datasheet HTML 61Page - Texas Instruments DRV8353M Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
14.2.1.1 Design Requirements
Table 14-1 lists the example input parameters for the system design.
Table 14-1. Design Parameters
EXAMPLE DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
Power supply voltage
VVM, VVDRAIN, VVIN
48 V
MOSFET part number
MOSFET
CSD19535KCS
MOSFET total gate charge
Qg
78 nC (typical) at VVGS = 10 V
MOSFET gate to drain charge
Qgd
13 nC (typical)
Target output rise time
tr
100 to 300 ns
Target output fall time
tf
50 to 150 ns
PWM frequency
ƒPWM
45 kHz
Buck regulator output voltage
VVCC
3.3 V
Buck regulator output current
IVCC
100 mA
Maximum motor current
Imax
100 A
ADC reference voltage
VVREF
3.3 V
Winding sense current range
ISENSE
–40 A to +40 A
Motor RMS current
IRMS
28.3 A
Sense resistor power rating
PSENSE
3 W
System ambient temperature
TA
–20°C to +60°C
14.2.1.2 Detailed Design Procedure
Table 14-2 lists the recommended values of the external components for the gate driver.
Table 14-2. DRV8353M Gate-Driver External Components
COMPONENTS
PIN 1
PIN 2
RECOMMENDED
CVM1
VM
GND
X5R or X7R, 0.1-µF, VM-rated capacitor
CVM2
VM
GND
≥ 10 µF, VM-rated capacitor
CVCP
VCP
VM
X5R or X7R, 1-µF, 16-V capacitor
CVGLS
VGLS
GND
X5R or X7R, 1-µF, 16-V capacitor
CSW
CPH
CPL
X5R or X7R, 47-nF, VDRAIN-rated capacitor
CDVDD
DVDD
DGND
X5R or X7R, 1-µF, 6.3-V capacitor
RnFAULT
VCC(1)
nFAULT
Pullup resistor
RSDO
VCC(1)
SDO
Pullup resistor
RIDRIVE
IDRIVE
GND or DVDD
DRV8353M hardware interface
RVDS
VDS
GND or DVDD
DRV8353M hardware interface
RMODE
MODE
GND or DVDD
DRV8353M hardware interface
RGAIN
GAIN
GND or DVDD
DRV8353M hardware interface
CVREF
VREF
GND or DGND
Optional capacitor rated for VREF
RASENSE
SPA
SNA and GND
Sense shunt resistor
RBSENSE
SPB
SNB and GND
Sense shunt resistor
RCSENSE
SPC
SNC and GND
Sense shunt resistor
(1)
VCC is not a pin on the DRV8353M family of devices, but a VCC supply voltage pullup is required for the open-drain output nFAULT
and SDO. These pins can also be pulled up to DVDD.
14.2.1.2.1 External MOSFET Support
The DRV833M family of devices MOSFET support is based on the MOSFET gate charge, VCP charge-pump
capacity, VGLS regulator capacity, and output PWM switching frequency. For a quick calculation of MOSFET
driving capacity, use Equation 5 and Equation 6 for three phase BLDC motor applications.
DRV8353M
SLVSFO2 – JULY 2020
www.ti.com
58
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8353M


Số phần tương tự - DRV8353M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8353 TI1-DRV8353 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353F TI-DRV8353F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8353FHRTAR TI-DRV8353FHRTAR Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
More results

Mô tả tương tự - DRV8353M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com