công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8353M bảng dữ liệu(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DRV8353M
Giải thích chi tiết về linh kiện  DRV8353M 100-V Three-Phase Smart Gate Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DRV8353M bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button DRV8353M Datasheet HTML 28Page - Texas Instruments DRV8353M Datasheet HTML 29Page - Texas Instruments DRV8353M Datasheet HTML 30Page - Texas Instruments DRV8353M Datasheet HTML 31Page - Texas Instruments DRV8353M Datasheet HTML 32Page - Texas Instruments DRV8353M Datasheet HTML 33Page - Texas Instruments DRV8353M Datasheet HTML 34Page - Texas Instruments DRV8353M Datasheet HTML 35Page - Texas Instruments DRV8353M Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
Figure 13-18 shows the structure of the four level input pins, MODE and GAIN, on hardware interface devices.
The input can be set with an external resistor.
Independent
MODE
40 V/V
GAIN
1x PWM
20V/V
3x PWM
10 V/V
6x PWM
5 V/V
+
±
+
±
+
±
DVDD
VI4
STATE
Tied to DVDD
RESISTANCE
VI3
Hi-Z (>500 kŸ WR
AGND)
VI2
47 NŸ “5%
to AGND
VI1
Tied to AGND
DVDD
50 k
84 k
Figure 13-18. Four Level Input Pin Structure
Figure 13-19 shows the structure of the seven level input pins, IDRIVE and VDS, on hardware interface devices.
The input can be set with an external resistor.
1/2 A
IDRIVE
Disabled
VDS
700/1400 mA
1 V
450/900 mA
0.7 V
300/600 mA
0.4 V
+
±
+
±
+
±
DVDD
VI7
STATE
Tied to DVDD
RESISTANCE
VI6
18 k
± 5%
to DVDD
VI5
75 k
± 5%
to DVDD
VI4
Hi-Z (>500 kŸ
to AGND)
DVDD
VI3
75 k
± 5%
to AGND
VI2
18 NŸ “5%
to AGND
VI1
Tied to AGND
+
±
+
±
+
±
150/300 mA
0.2 V
100/200 mA
0.1 V
50/100 mA
0.06 V
73 k
73 k
Figure 13-19. Seven Level Input Pin Structure
DRV8353M
SLVSFO2 – JULY 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8353M


Số phần tương tự - DRV8353M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8353 TI1-DRV8353 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353F TI-DRV8353F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8353FHRTAR TI-DRV8353FHRTAR Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
More results

Mô tả tương tự - DRV8353M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com