công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC3130 bảng dữ liệu(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CC3130
Giải thích chi tiết về linh kiện  CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CC3130 bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button CC3130 Datasheet HTML 24Page - Texas Instruments CC3130 Datasheet HTML 25Page - Texas Instruments CC3130 Datasheet HTML 26Page - Texas Instruments CC3130 Datasheet HTML 27Page - Texas Instruments CC3130 Datasheet HTML 28Page - Texas Instruments CC3130 Datasheet HTML 29Page - Texas Instruments CC3130 Datasheet HTML 30Page - Texas Instruments CC3130 Datasheet HTML 31Page - Texas Instruments CC3130 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
8.15.3.3 nRESET (External 32-kHz Crystal)
Figure 8-7 shows the reset timing diagram for the external 32-kHz crystal first-time power-up and reset removal.
POWER
OFF
HW INIT
FW INIT
Device Ready to
serve API calls
VBAT
VIO
nRESET
STATE
T1
T2
T3
nHIB
RESET
32-kHz
RTC CLK
Figure 8-7. First-Time Power-Up and Reset Removal Timing Diagram (External 32-kHz Crystal)
Section 8.15.3.3.1 describes the timing requirements for the external first-time power-up and reset removal.
8.15.3.3.1 First-Time Power-Up and Reset Removal Timing Requirements (External 32-kHz Crystal)
ITEM
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
T1
nReset time
nReset timing after VBAT and VIO supply are
stable
1
ms
T2
Hardware wake-up time
25
ms
T3
Initialization time
Firmware initialization time plus radio
calibration
250
ms
CC3130
SWRS227 – MARCH 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated


Số phần tương tự - CC3130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3135MOD TI1-CC3135MOD Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MODRNMMOBR TI1-CC3135MODRNMMOBR Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
More results

Mô tả tương tự - CC3130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CC3230S TI-CC3230S Datasheet
3Mb / 104P
[Old version datasheet]   CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com