công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC3130 bảng dữ liệu(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CC3130
Giải thích chi tiết về linh kiện  CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CC3130 bảng dữ liệu(HTML) 62 Page - Texas Instruments

Back Button CC3130 Datasheet HTML 58Page - Texas Instruments CC3130 Datasheet HTML 59Page - Texas Instruments CC3130 Datasheet HTML 60Page - Texas Instruments CC3130 Datasheet HTML 61Page - Texas Instruments CC3130 Datasheet HTML 62Page - Texas Instruments CC3130 Datasheet HTML 63Page - Texas Instruments CC3130 Datasheet HTML 64Page - Texas Instruments CC3130 Datasheet HTML 65Page - Texas Instruments CC3130 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
Created for the internet-of-things (IoT), the SimpleLink™ Wi-Fi® CC31xx and CC32xx
family of devices include on-chip Wi-Fi®, Internet, and robust security protocols with no
prior Wi-Fi® experience needed for faster development. For more information on these
devices, visit SimpleLink™ Wi-Fi® family, Internet-on-a chip™ solutions.
UniFlash Standalone
Flash Tool for TI
Microcontrollers
(MCU), Sitara™
Processors and
SimpleLink™ Devices
CCS UniFlash is a standalone tool used to program on-chip flash memory on TI MCUs
and on-board flash memory for Sitaraprocessors. UniFlash has a GUI, command
line, and scripting interface. CCS UniFlash is available free of charge.
TI Designs and Reference Designs
The TI Designs Reference Design Library is a robust reference design library spanning analog, embedded
processor, and connectivity. Created by TI experts to help you jumpstart your system design, all TI Designs
include schematic or block diagrams, BOMs, and design files to speed your time to market.
11.2 Firmware Updates
TI updates features in the service pack for this module with no published schedule. Due to the ongoing changes,
TI recommends that the user has the latest service pack in their module for production.
To stay informed, click the SDK “Alert me” button the top right corner of the product page, or visit SimpleLink™
Wi-Fi® SDK plugin.
11.3 Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of the
CC3130 device and support tools (see Figure 11-1).
PREFIX
X = Preproduction device
Null = Production device
DEVICE FAMILY
CC = Wireless Connectivity
SERIES NUMBER
3 = Wi-Fi Centric
MEMORY SIZE
NM = No Memory
PACKAGE
RGK = 9 mm × 9 mm VQFN
PACKAGING
R = Large Reel
R = Default
DEVICE VARIANTS
X
CC
3
1
3
0
R
xx
xxx
x
MCU / HOST
1 = No MCU
2 = MCU
DEVICE GENERATION
0 = Gen 1
2 = Gen 2
3 = Gen 3
0 = 2.4 GHz only
5 = 2.4 GHz and 5 GHz supported
FREQUENCY BAND
Figure 11-1. CC3130 Device Nomenclature
CC3130
SWRS227 – MARCH 2020
www.ti.com
62
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated


Số phần tương tự - CC3130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3135MOD TI1-CC3135MOD Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MODRNMMOBR TI1-CC3135MODRNMMOBR Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
More results

Mô tả tương tự - CC3130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CC3230S TI-CC3230S Datasheet
3Mb / 104P
[Old version datasheet]   CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com