công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ79600-Q1 bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện BQ79600-Q1
Giải thích chi tiết về linh kiện  BQ79600-Q1 Automotive SPI/UART Communication Interface Functional-Safety Compliant With Automatic Host Wakeup
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

BQ79600-Q1 bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button BQ79600-Q1_V01 Datasheet HTML 10Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 11Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 12Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 13Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 14Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 15Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 16Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 17Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
BAT
AVAOREF
VIO
CVDD
DVDD
Min VBAT
SHUTDOWN
ACTIVE
Re
ce
ive
d W
AK
E p
ing
Communication
Ready
time
tPOR2COMM
tSU(WAKE_SHUT)
Transition
tSU(SLP2ACT)/
tSU(WAKE_SLP)
Tra
ns
itio
n t
o S
lee
p m
od
e
AVDDREF
Sleep
ACTIVE
Tra
ns
itio
n t
o A
cti
ve
mo
de
tSLP
Transition
Transition
Complete Off
Transition
VIO_UVZ
VIO ramp time is system dependent and not specified
Figure 7-4. Shutdown -> Active -> Sleep -> Active
BAT
AVAOREF
VIO
CVDD
DVDD
Min V
BAT
SHUTDOWN
VALIDATE
Tra
ns
itio
n D
ete
cte
d
on
CO
MM
PO
RT
time
tPOR2COMM
tVALID_ENTRY
Transition
Re
ce
ive
d W
AK
E P
ing
AVDDREF
Transition
Complete Off
Transition
ACTIVE
tINH_DLY
INH enables PMIC
which enables VIO
tDepend on system
INH
SNIF_DET
(internal signal)
Transition to Active then to Validate
as a status bit indicates device wakes
up due to SNIF_DET
SP
I(U
ART
) c
om
mu
nic
ati
on
Re
ad
y
tFTONE_PERIOD
Fault tones from
stack device
on COMM* pins
tFTONE_PERIOD
Figure 7-5. Shutdown -> Validate -> Active
BQ79600-Q1
SLUSDS1A – NOVEMBER 2019 – REVISED AUGUST 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ79600-Q1


Số phần tương tự - BQ79600-Q1_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
More results

Mô tả tương tự - BQ79600-Q1_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
BQ79718-Q1 TI-BQ79718-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   BQ79718-Q1 Functional Safety-Compliant Automotive 18S Battery Monitor
DECEMBER 2022
logo
Maxim Integrated Produc...
MAX17841B MAXIM-MAX17841B Datasheet
1Mb / 33P
   Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
logo
Texas Instruments
BQ79612-Q1 TI-BQ79612-Q1_V01 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79616-Q1 TI1-BQ79616-Q1_V01 Datasheet
5Mb / 223P
[Old version datasheet]   BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
REVISED NOVEMBER 2023
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com