công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ79600-Q1 bảng dữ liệu(PDF) 46 Page - Texas Instruments

tên linh kiện BQ79600-Q1
Giải thích chi tiết về linh kiện  BQ79600-Q1 Automotive SPI/UART Communication Interface Functional-Safety Compliant With Automatic Host Wakeup
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

BQ79600-Q1 bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button BQ79600-Q1_V01 Datasheet HTML 42Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 43Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 44Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 45Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 46Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 47Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 48Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 49Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
7.5.18 Register: FAULT_PWR
Address: 0x2103
B7
B6
B5
B4
B3
B2
B1
B0
RSVD
CVDD_UV_DRST
CVDD_OV
DVDD_OV
AVDDREF_OV
AVAO_SW_FAIL
0
0
0
0
0
0
0
0
R
R
R
R
R
R
R
R
CVDD_UV_DRST Indicates CVDDUV fault caused DRST. Shutdown/power up event shall not trigger this fault.
0: no fault
1: fault
CVDD_OV
Indicates an over voltage fault on the CVDD pin
0: no fault
1: fault
DVDD_OV
Indicates an over voltage fault on the DVDD pin
0: no fault
1: fault
AVDDREF_OV
Indicates an over voltage fault on the AVDD_REF internal supply
0: no fault
1: fault
AVAO_SW_FAIL
Indicates a fault is detected on the AVAO_REF switch.
0: no fault
1: fault
7.5.19 Register: FAULT_COMM1
Address: 0x2104
B7
B6
B5
B4
B3
B2
B1
B0
RSVD
FCOMM_DET
FTONE_DET
HB_FAIL
HB_FAST
UART_FRAME
COMMCLR_DET
STOP_DET
0
0
0
0
0
0
0
0
R
R
R
R
R
R
R
R
FCOMM_DET
Indicates the fault status bit in comm frame is set by stack devices. At least a fault in stack devices happened. Only apply to non-bq79606
family
0: no fault
1: fault
FTONE_DET
Indicates the fault tone is detected, COM Port in sleep mode if work with non-bq79606 (Detection is monitoring the COML side if [DIR_SEL]
= 0 and vice versa.)
0: no fault
1: fault
HB_FAIL
Indicates HB tone is NOT detected within tHB_PERIOD, not supported with BQ79606A-Q1 ( Detection is monitoring the COML side if
[DIR_SEL] = 0 and vice versa.)
0: no fault, HB tone detected as expected
1: fault
HB_FAST
Indicates HB tone is detected within tHB_FAST (too frequent), not supported with BQ79606A-Q1 ( Detection is monitoring the COML side if
[DIR_SEL] = 0 and vice versa.) This bit could also be set when [FTONE_DET]=1 depends on how soon the Fault Tone is detected from
previous Heartbeat tone.
0: no fault
1: fault
UART_FRAME
Indicates a UART FAULT detected when receiving command or transmitting response frames Further detail of the fault information is
available in the DEBUG_UART_FRAME register
0: no fault
1: fault
COMMCLR_DET
A UART/SPI communication clear signal is detected. This bit is set when Sleep2active ping is sent in UART mode. While in SPI mode, it is
not set when sleep2active ping is sent.
0: no UART/SPI Comm Clear
1: UART/SPI Comm Clear detected
STOP_DET
Indicates and unexpected STOP condition is received. Apply to UART mode. This bit is set when Sleep2active ping is sent in ACTIVE.
0: no fault
1: fault
BQ79600-Q1
SLUSDS1A – NOVEMBER 2019 – REVISED AUGUST 2020
www.ti.com
46
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ79600-Q1


Số phần tương tự - BQ79600-Q1_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
More results

Mô tả tương tự - BQ79600-Q1_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
BQ79718-Q1 TI-BQ79718-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   BQ79718-Q1 Functional Safety-Compliant Automotive 18S Battery Monitor
DECEMBER 2022
logo
Maxim Integrated Produc...
MAX17841B MAXIM-MAX17841B Datasheet
1Mb / 33P
   Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
logo
Texas Instruments
BQ79612-Q1 TI-BQ79612-Q1_V01 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79616-Q1 TI1-BQ79616-Q1_V01 Datasheet
5Mb / 223P
[Old version datasheet]   BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
REVISED NOVEMBER 2023
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com