công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ24160 bảng dữ liệu(PDF) 26 Page - Texas Instruments

tên linh kiện BQ24160
Giải thích chi tiết về linh kiện  bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

BQ24160 bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button BQ24160_V01 Datasheet HTML 22Page - Texas Instruments BQ24160_V01 Datasheet HTML 23Page - Texas Instruments BQ24160_V01 Datasheet HTML 24Page - Texas Instruments BQ24160_V01 Datasheet HTML 25Page - Texas Instruments BQ24160_V01 Datasheet HTML 26Page - Texas Instruments BQ24160_V01 Datasheet HTML 27Page - Texas Instruments BQ24160_V01 Datasheet HTML 28Page - Texas Instruments BQ24160_V01 Datasheet HTML 29Page - Texas Instruments BQ24160_V01 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
DATA
CLK
START Condition
STOP Condition
S
P
26
bq24160, bq24160A, bq24161
bq24161B, bq24163, bq24168
SLUSAO0G – NOVEMBER 2011 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: bq24160 bq24160A bq24161 bq24161B bq24163 bq24168
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
9.4 Device Functional Modes
The state machine of the bq2416x automatically changes primary states (Off, sleep, HiZ, charge disabled,
charging, charge done, battery OVP, fault) based on data in the I2C registers, IN and USB pin voltages, BAT pin
voltage and current flow, TS pin voltage, CD pin voltage and status of the safety timer. The BAT and TS pin
voltages as well as current flow into the IN and USB pins, out of SYS pin and into/out of the BAT pin determine
the charging sub-states, including conditioning, constant current (CC), CC with reduced charge current, constant
voltage (CV) with reduced charge current.
9.5 Programming
9.5.1 Serial Interface Description
The bq2416xx uses an I2C-compatible interface to program charge parameters. I2C is a 2-wire serial interface
developed by Philips Semiconductor (see I2C-Bus Specification, Version 2.1, January 2000). The bus consists of
a data line (SDA) and a clock line (SCL) with pull-up structures. When the bus is idle, both SDA and SCL lines
are pulled high. All I2C-compatible devices connect to the I2C bus through open drain I/O pins, SDA and SCL. A
master device, usually a microcontroller or a digital signal processor, controls the bus. The master is responsible
for generating the SCL signal and device addresses. The master also generates specific conditions that indicate
the START and STOP of data transfer. A slave device receives and/or transmits data on the bus under control of
the master device.
The bq2416xx device works as a slave and supports the following data transfer modes, as defined in the I2C Bus
Specification: standard mode (100kbps) and fast mode (400kbps). The interface adds flexibility to the battery
charging solution, enabling most functions to be programmed to new values depending on the instantaneous
application requirements. Register contents remain intact as long as battery voltage remains above 2.5V
(typical). The I2C circuitry is powered from VBUS when a supply is connected. If the VBUS supply is not
connected, the I2C circuitry is powered from the battery through BAT. The battery voltage must stay above 2.5V
with no input connected in order to maintain proper operation.
The data transfer protocol for standard and fast modes is exactly the same; therefore, they are referred to as the
F/S-mode in this document. The bq2416xx devices only support 7-bit addressing. The device 7-bit address is
defined as ‘1101011’ (6Bh).
9.5.1.1 F/S Mode Protocol
The master initiates data transfer by generating a start condition. The start condition is when a high-to-low
transition occurs on the SDA line while SCL is high, as shown in Figure 17. All I2C-compatible devices should
recognize a start condition.
Figure 17. START and STOP Condition
The master then generates the SCL pulses, and transmits the 8-bit address and the read/write direction bit R/W
on the SDA line. During all transmissions, the master ensures that data is valid. A valid data condition requires
the SDA line to be stable during the entire high period of the clock pulse (see Figure 18). All devices recognize
the address sent by the master and compare it to their internal fixed addresses. Only the slave device with a
matching address generates an acknowledge (see Figure 19) by pulling the SDA line low during the entire high
period of the ninth SCL cycle. Upon detecting this acknowledge, the master knows that communication link with a
slave has been established.


Số phần tương tự - BQ24160_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ24160A TI1-BQ24160A Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160ARGER TI1-BQ24160ARGER Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160ARGET TI1-BQ24160ARGET Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
More results

Mô tả tương tự - BQ24160_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com