công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ21062 bảng dữ liệu(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện BQ21062
Giải thích chi tiết về linh kiện  BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

BQ21062 bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button BQ21062 Datasheet HTML 20Page - Texas Instruments BQ21062 Datasheet HTML 21Page - Texas Instruments BQ21062 Datasheet HTML 22Page - Texas Instruments BQ21062 Datasheet HTML 23Page - Texas Instruments BQ21062 Datasheet HTML 24Page - Texas Instruments BQ21062 Datasheet HTML 25Page - Texas Instruments BQ21062 Datasheet HTML 26Page - Texas Instruments BQ21062 Datasheet HTML 27Page - Texas Instruments BQ21062 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
Table 9-3. Interrupt Triggers and Fault Condition Response (continued)
FAULT / FLAG
DESCRIPTION
INTERRUPT
TRIGGER
BASED ON
STATUS BIT
CHANGE
CHARGER
BEHAVIOR
CHARGER SAFETY
TIMER
PMID BEHAVIOR
VIN_PGOOD_FLAG
Set when VIN changes
PGOOD status
Rising and
Falling Edge
If VIN_PGOOD_STAT
is low, charging is
disabled.
Reset
VIN powered (if
VIN_PGOOD_STAT
=1) unless
PMID_MODE is not
00.
VIN_OVP_FAULT_FL
AG
Set when VIN > VOVP
Rising Edge
Charging is paused
until condition
disappears
Reset
BAT powered
BAT_OCP_FAULT_FL
AG
Set when IBAT >
IBATOCP
Rising Edge
Disabled (BAT only
condition)
N/A
Disconnect BAT
BAT_UVLO_FAULT_F
LAG
Set when VBAT <
VBATUVLO
Rising Edge
Enabled
No effect
IN powered of VIN is
valid
TS_COLD_FLAG
Set when VTS >
VTS_COLD
Rising Edge
Charging paused until
condition is cleared
Paused
IN powered of VIN is
valid
TS_COOL_FLAG
Set when VTS_COLD >
VTS > VTS_COOL
Rising Edge
Enabled. Reduced
charge current.
Doubled if option is
enabled
IN powered of VIN is
valid
TS_WARM_FLAG
Set when VTS_HOT <
VTS < VTS_WARM
Rising Edge
Enabled. Reduce
battery regulation
voltage.
No effect
IN powered of VIN is
valid
TS_HOT_FLAG
Set when VTS < VHOT
Rising Edge
Charging paused until
condition is cleared
Paused
IN powered of VIN is
valid
TS_OPEN_FLAG
Set when VTS >
VTS_OPEN
Rising Edge
Charging is paused
until condition
disappears
Paused
N/A
WD_FAULT_FLAG
Set when I2C
watchdog timer expires
Rising Edge
Enabled
N/A
N/A
SAFETY_TMR_FAULT
_FLAG
Set when safety Timer
expires. Cleared after
VIN or CE toggle
Rising Edge
Disabled until VIN or
CE toggle
Reset after flag is
cleared
IN powered of VIN is
valid
LS_LDO_OCP_FAULT
_FLAG
Set when LDO output
current exceeds OCP
condition
Rising Edge
N/A
N/A
N/A
MRWAKE1_TIMEOUT
_FLAG
Set when MR is low for
at least tWAKE1
Rising Edge
N/A
N/A
N/A
MRWAKE2_TIMEOUT
_FLAG
Set when MR is low for
at least tWAKE2
Rising Edge
N/A
N/A
N/A
MRRESET_WARN_FL
AG
Set when MR is low for
at least tRESETWARN
Rising Edge
N/A
N/A
N/A
TSHUT
No flag. Die
temperature exceeds
thermal shutdown
threshold is reached
N/A
Disabled
Disabled
Disabled
9.3.10 Power Good ( PG) Pin
The PG pin is an open-drain output that by default indicates when a valid IN supply is present. It may also be
configured to be a general purpose output (GPO) controlled through I2C or to be a level shifted version of the
MR input signal. Connect PG to the desired logic voltage rail using a 1-kΩ to 100-kΩ resistor, or use with an LED
for visual indication. See Table 9-30 for details.
9.3.11 External NTC Monitoring (TS)
The I2C interface allows the user to easily implement the JEITA standard for systems where the battery pack
thermistor is monitored by the host. Additionally, the device provides a flexible voltage based TS input for
BQ21062
SLUSE42 – JULY 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ21062


Số phần tương tự - BQ21062

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
More results

Mô tả tương tự - BQ21062

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
[Old version datasheet]   BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com