công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ21062 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện BQ21062
Giải thích chi tiết về linh kiện  BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

BQ21062 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button BQ21062 Datasheet HTML 7Page - Texas Instruments BQ21062 Datasheet HTML 8Page - Texas Instruments BQ21062 Datasheet HTML 9Page - Texas Instruments BQ21062 Datasheet HTML 10Page - Texas Instruments BQ21062 Datasheet HTML 11Page - Texas Instruments BQ21062 Datasheet HTML 12Page - Texas Instruments BQ21062 Datasheet HTML 13Page - Texas Instruments BQ21062 Datasheet HTML 14Page - Texas Instruments BQ21062 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON_LDO
Turn ON time
100mA load, to 90% VLDO
500
µs
tOFF_LDO Turn OFF time
100mA load, to 10% VLDO
30
µs
tPMID_LDO
_DELAY
Delay between PMID and LDO enable
during power up
Startup
20
ms
PUSHBUTTON TIMERS (/MR)
tWAKE1
WAKE1 Timer. Timer for Ship Mode
wake.
MR_WAKE1_TIMER = 0
106
125
144
ms
tWAKE2
WAKE2 Timer. Time from /MR falling
edge to INT being asserted.
MR_WAKE2_TIMER = 1
1.7
2
2.3
s
tRESET_W
ARN
RESET_WARN Timer. Time prior to HW
RESET
MR_RESET_WARN = 01
0.85
1
1.15
s
tHW_RESE
T
HW RESET Timer. Time from /MR falling
edge to HW Reset
MR_HW_RESET = 01
6.8
8
9.2
s
tRESTART(
AUTOWAKE
)
RESTART Timer. Time from /MR HW
Reset to PMID power up
AUTOWAKE = 01
1.05
1.2
1.35
s
PROTECTION
tDGL_SLP
Deglitch time for supply rising above VSLP
+ VSLP_HYS
120
µs
tDGL_OVP Deglitch time for VOVP Threshold
VIN falling below VOVP
32
ms
tDGL_OCP Battery OCP deglitch time
30
µs
tREC_SC
Recovery time, BAT Short Circuit during
Discharge Mode
250
ms
tRETRY_SC
Retry window for PMID or BAT short
circuit recovery
2
s
tDGL_SHT
DWN
Deglitch time, Thermal shutdown
TJ rising above TSHUTDOWN
10
µs
I2C INTERFACE
tWATCHDO
G
I2C interface reset timer for host
When enabled
50
s
tI2CRESET I2C interface inactive reset timer
500
ms
INPUT PINS (/CE and /LP)
tLP_EXIT_I
2C
Time for device to exit Low-power mode
and allow I2C communication
VIN = 0V.
1
ms
www.ti.com
BQ21062
SLUSE42 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: BQ21062


Số phần tương tự - BQ21062

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
More results

Mô tả tương tự - BQ21062

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
[Old version datasheet]   BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com