công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ21062 bảng dữ liệu(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện BQ21062
Giải thích chi tiết về linh kiện  BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

BQ21062 bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button BQ21062 Datasheet HTML 44Page - Texas Instruments BQ21062 Datasheet HTML 45Page - Texas Instruments BQ21062 Datasheet HTML 46Page - Texas Instruments BQ21062 Datasheet HTML 47Page - Texas Instruments BQ21062 Datasheet HTML 48Page - Texas Instruments BQ21062 Datasheet HTML 49Page - Texas Instruments BQ21062 Datasheet HTML 50Page - Texas Instruments BQ21062 Datasheet HTML 51Page - Texas Instruments BQ21062 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
9.5.1.24 ICCTRL2 Register (Address = 0x37) [reset = 0x40]
ICCTRL2 is shown in Figure 9-39 and described in Table 9-31.
Return to Summary Table.
Figure 9-39. ICCTRL2 Register
7
6
5
4
3
2
1
0
PMID_REG_CTRL_2:0
GPO_PG
RESERVED
HWRESET_14
S_WD
CHARGER_DIS
ABLE
R/W-3b010
R/W-1b0
R/W-2b00
R/W-1b0
R/W-1b0
Table 9-31. ICCTRL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
PMID_REG_CTRL_2:0
R/W
3b010
System (PMID) Regulation Voltage
3b000 = Battery Tracking
3b001 = 4.4 V
3b010 = 4.5 V
3b011 = 4.6 V
3b100 = 4.7 V
3b101 = 4.8 V
3b110 = 4.9 V
3b111 = Pass-Through (VIN)
4
GPO_PG
R/W
1b0
/PG General Purpose Output State Control
1b0 = Pulled Down
1b1 = High Z
3-2
RESERVED
R/W
2b00
Reserved
1
HWRESET_14S_WD
R/W
1b0
Enable for 14-second I2C watchdog timer for HW Reset after VIN
connection
1b0 = Timer disabled
1b1 = Device will perform HW reset if no I2C transaction is done
within 14 s after VIN is present
0
CHARGER_DISABLE
R/W
1b0
Charge Disable
1b0 = Charge enabled if /CE pin is low
1b1 = Charge disabled
9.5.1.25 TS_READ Register (Address = 0x40) [reset = 0x2]
TS_Read is shown in Figure 9-40 and described in Table 9-32.
Return to Summary Table.
Figure 9-40. TS_READ Register
7
6
5
4
3
2
1
0
INTERVAL
RESERVED
GET_FAULT_ENABLE
RESERVED
RESERVED
R/W-1b0
R-1b0
R/W-1b0
R/W-2b00
R/W-3b010
BQ21062
SLUSE42 – JULY 2020
www.ti.com
48
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ21062


Số phần tương tự - BQ21062

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
More results

Mô tả tương tự - BQ21062

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
[Old version datasheet]   BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com