công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WSD3060DN bảng dữ liệu(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

tên linh kiện WSD3060DN
Giải thích chi tiết về linh kiện  N-Ch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Trang chủ  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD3060DN bảng dữ liệu(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD3060DN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3060DN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3060DN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3060DN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3060DN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
30
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.028
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=
40A
---
4.
7
5.
7
m
Ω
VGS=4.5V , ID=
20A
---
5.8
7.6
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
1.
8
2.5
V
VGS(th)
VGS(th) Temperature Coefficient
---
-6.16
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=24V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=24V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=
40A
---
95
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
2.0
2.9
Ω
Qg
Total Gate Charge (4.5V)
VDS=15V , VGS=4.5V , ID=
40A
---
20
28.0
nC
Qgs
Gate-Source Charge
---
7.6
10.6
Qgd
Gate-Drain Charge
---
7.2
10.1
Td(on)
Turn-On Delay Time
VDD=15V , VGen=10V ,
RG=3.3Ω, ID=
1A, RL=10Ω.
---
15
28
ns
Tr
Rise Time
---
13
24
Td(off)
Turn-Off Delay Time
---
32
57
Tf
Fall Time
---
9
17
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
1500
1820
pF
Coss
Output Capacitance
---
260
310
Crss
Reverse Transfer Capacitance
---
130
190
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy
5
VDD=25V , L=0.
5mH , IAS=20A
63
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
VG=VD=0V , Force Current
---
---
10
A
ISM
Pulsed Source Current
2,6
---
---
1
40
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
---
---
1
V
trr
Reverse Recovery Time
IF=
40A , dI/dt=100A/µs , TJ=25℃
---
21
---
nS
Qrr
Reverse Recovery Charge
---
7
---
nC
Guaranteed Avalanche Characteristics
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper,t<10sec.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.
5mH,IAS=20A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
WSD3060DN
Page 2
www.winsok.tw
Dec.2014
N-Ch MOSFET


Số phần tương tự - WSD3060DN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Guan Hua Wei Y...
WSD3066DN WIINSOK-WSD3066DN Datasheet
820Kb / 6P
   N-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSD3066DN DOINGTER-WSD3066DN Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced SGT to minimize on-state resistance
logo
Shenzhen Guan Hua Wei Y...
WSD3068DN WIINSOK-WSD3068DN Datasheet
1Mb / 6P
   DC/DC Converters in Computing, Servers, and POL
More results

Mô tả tương tự - WSD3060DN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Guan Hua Wei Y...
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
   N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
   N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
   N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
   N-Ch MOSFET
WSF3040 WIINSOK-WSF3040 Datasheet
820Kb / 5P
   N-Ch MOSFET
WSK140N03 WIINSOK-WSK140N03 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSP06N10 WIINSOK-WSP06N10 Datasheet
987Kb / 5P
   N-Ch MOSFET
WSP14N10 WIINSOK-WSP14N10 Datasheet
1Mb / 6P
   N-Ch MOSFET
WSP4404 WIINSOK-WSP4404 Datasheet
779Kb / 7P
   N-Ch MOSFET
WSR50N06 WIINSOK-WSR50N06 Datasheet
722Kb / 5P
   N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com