công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SGBJ25 bảng dữ liệu(PDF) 1 Page - HY ELECTRONIC CORP.

tên linh kiện SGBJ25
Giải thích chi tiết về linh kiện  Glass Passivated 3 Phase Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HY [HY ELECTRONIC CORP.]
Trang chủ  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SGBJ25 bảng dữ liệu(HTML) 1 Page - HY ELECTRONIC CORP.

  SGBJ25 Datasheet HTML 1Page - HY ELECTRONIC CORP. SGBJ25 Datasheet HTML 2Page - HY ELECTRONIC CORP. SGBJ25 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
SGBJ
Low forward voltage drop
High current capability
RoHS
High reliability
COMPLIANT
Meet UL flammability classification 94V-0
Mechanical Data
Case: Epoxy case with heat sink
Polarity: Symbol marked on body
Mounting position:
Bolt pass through the mounting hole of body
then fixto heat sink
Maximum Mounting torque (M4)
1: 0.8 N.m
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
For use in high power supply inverters,servo
motor and welding machine applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Peak Non-Repetitive Reverse Voltage
VRSM
V
Maximum Average Forward Rectified Current @TC=110 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2 t
A
2 S
Peak Forward Voltage per Diode at 12.5A DC
VF
V
Maximum DC Reverse Current at Rated @TJ=25℃
μA
DC Blocking Voltage per Diode @TJ=125℃
mA
RMS lsolation Voltage from Case to Lead
VISO
V
Typical Thermal Resistance to Case
RθJC
℃/W
Operating Junction Temperature Range
TJ
Storage Temperature Range
TSTG
Notes: 1. Surface roughness of Heat sink <0.05mm
2. The typical data above is for reference only
SGBJ25*-U-00/99-00/01
Rev. 11, 18-May-2020
Glass Passivated 3 Phase Bridge Rectifiers
0.8
-55 to +150
-55 to +150
Characteristics
Symbol
IFSM
IR
Unit
A
350
508
1.1
5
3
2500
900
1100
1300
1700
25
560
700
840
1120
800
1000
1200
1600
-08
-10
-12
-16
800
1000
1200
1600
SGBJ25 SERIES
Reverse Voltage - 800 to 1600Volts
Forward Current - 25 Amperes
Package Outline Dimensions in Inches (Millimeters)
SGBJ25
SGBJ25
SGBJ25
SGBJ25
Pb


Số phần tương tự - SGBJ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SGBJ20D ETC2-SGBJ20D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBJ20G ETC2-SGBJ20G Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBJ20J ETC2-SGBJ20J Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBJ20K ETC2-SGBJ20K Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBJ20M ETC2-SGBJ20M Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Mô tả tương tự - SGBJ25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
143Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SH50VBW HY-SH50VBW Datasheet
341Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SBR3508G HY-SBR3508G Datasheet
152Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT2508GW HY-SMT2508GW Datasheet
187Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
SC35VB160-G COMCHIP-SC35VB160-G Datasheet
187Kb / 2P
   Glass Passivated 3 Phase Bridge Rectifiers
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com