công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM8119 bảng dữ liệu(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

tên linh kiện HM8119
Giải thích chi tiết về linh kiện  Standoff 55V 500mA 850KHz Sync Step-Down Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Trang chủ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8119 bảng dữ liệu(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8119 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TOP VIEW
1
3
2
6
4
GND
FB
BS
IN
EN
SW
5
Standoff 55V 500mA 850KHz Sync Step-Down Regulator
Page 2 / 13
Pin Description
Pin Configuration
SOT23-6
HM8119A Top Marking: HMYLL (device code: HM, Y=year code, LL= lot number code)
HM8119B Top Marking: HNYLL (device code: HN, Y=year code, LL= lot number code)
HM8119C Top Marking: HSYLL (device code: HS, Y=year code, LL= lot number code)
Pin Description
Pin
Name
Function
1
BS
Bootstrap. A capacitor connected between SW and BST pins is required to form a
floating supply across the high-side switch driver.
2
GND
Ground Pin
3
FB
Adjustable Version Feedback input. Connect FB to the center point of the external
resistor divider
4
EN
Drive this pin to a logic-high to enable the IC. Drive to a logic-low to disable the
IC and enter micro-power shutdown mode.
5
IN
Power Supply Pin
6
SW
Switching Pin
Order Information (1)
Marking
Part No.
Model
Description
Package
T/R Qty
HMYLL
70301620
HM8119A
HM8119 PSM SYN Buck, 4.5-45V,
0.5A, 850KHz, VFB 0.8V, SOT23-6
SOT23-6
3000PCS
HNYLL
70301621
HM8119B
HM8119 PSM SYN Buck, 4.5-45V,
0.5A, 850KHz, VFB 0.765V, SOT23-6 SOT23-6
3000PCS
HSYLL
70301622
HM8119A
HM8119 PSM SYN Buck, 4.5-45V,
0.5A, 850KHz, VFB 0.6V, SOT23-6
SOT23-6
3000PCS
HM8119


Số phần tương tự - HM8119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
   30V 1.2A 1.4MHz Synchronous Step-Down Regulator
HM8112A HMSEMI-HM8112A Datasheet
930Kb / 6P
   28V, 2A, Forced PWM Synchronous Step-Down Converter in SOT23-6
HM8113 HMSEMI-HM8113 Datasheet
1Mb / 7P
   18V 3A 500KHz Synchronous Step-Down Regulator
HM8113B HMSEMI-HM8113B Datasheet
949Kb / 9P
   3A,4.5V-16V Input,500kHz Synchronous Step-Down Converter
More results

Mô tả tương tự - HM8119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Huazhimei Semi...
HM8116A HMSEMI-HM8116A Datasheet
989Kb / 13P
   Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
HM8116 HMSEMI-HM8116 Datasheet
918Kb / 9P
   Standoff 42V 0.6A 800kHz Sync Step-Down Regulator
logo
Semtech Corporation
SC202AMLTRT SEMTECH-SC202AMLTRT Datasheet
541Kb / 19P
   3.5MHz, 500mA Step-down Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Linear Technology
LT3991-3.3 LINER-LT3991-3.3_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991 LINER-LT3991 Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
logo
Semtech Corporation
SC202F SEMTECH-SC202F Datasheet
931Kb / 17P
   3.5MHz, 500mA Step-down Regulator with Integrated Inductor
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LT3991 LINER-LT3991_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com