công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM8119 bảng dữ liệu(PDF) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

tên linh kiện HM8119
Giải thích chi tiết về linh kiện  Standoff 55V 500mA 850KHz Sync Step-Down Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Trang chủ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8119 bảng dữ liệu(HTML) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8119 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8119 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Standoff 55V 500mA 850KHz Sync Step-Down Regulator
Page 11 / 13
Where LLIM_AVG is the average start-up current during the soft-start period, and TSS is the soft- start time.
On the other hand, special attention should be paid when selecting these components. The DC bias of these
capacitors can result in a capacitance value that falls below the minimum value given in the recommended capacitor
specifications table.
The ceramic capacitor’s actual capacitance can vary with temperature. The capacitor type X7R, which operates over
a temperature range of −55°C to +125°C, will only vary the capacitance to within ±15%. The capacitor type X5R
has a similar tolerance over a reduced temperature range of −55°C to +85°C. Many large value ceramic capacitors,
larger than 1uF are manufactured with Z5U or Y5V temperature characteristics. Their capacitance can drop by more
than 50% as the temperature varies from 25°C to 85°C. Therefore, X5R or X7R is recommended over Z5U and
Y5V in applications where the ambient temperature will change significantly above or below 25°C.
Feed-Forward Capacitor (CFF)
HM8119 has internal loop compensation, so adding CFF is optional. Specifically, for specific applications, if
necessary, consider whether to add feed-forward capacitors according to the situation.
The use of a feed-forward capacitor (CFF) in the feedback network is to improve the transient response or higher
phase margin. For optimizing the feed-forward capacitor, knowing the cross frequency is the first thing. The cross
frequency (or the converter bandwidth) can be determined by using a network analyzer. When getting the cross
frequency with no feed-forward capacitor identified, the value of feed-forward capacitor (CFF) can be calculated
with the following Equation:
������������ =
1
2���� × ������������������������
× √
1
����1
× (
1
����1
+
1
����2
)
Where FCROSS is the cross frequency.
To reduce transient ripple, the feed-forward capacitor value can be increased to push the cross frequency to higher
region. Although this can improve transient response, it also decreases phase margin and cause more ringing. In the
other hand, if more phase margin is desired, the feed-forward capacitor value can be decreased to push the cross
frequency to lower region.
HM8119


Số phần tương tự - HM8119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
   30V 1.2A 1.4MHz Synchronous Step-Down Regulator
HM8112A HMSEMI-HM8112A Datasheet
930Kb / 6P
   28V, 2A, Forced PWM Synchronous Step-Down Converter in SOT23-6
HM8113 HMSEMI-HM8113 Datasheet
1Mb / 7P
   18V 3A 500KHz Synchronous Step-Down Regulator
HM8113B HMSEMI-HM8113B Datasheet
949Kb / 9P
   3A,4.5V-16V Input,500kHz Synchronous Step-Down Converter
More results

Mô tả tương tự - HM8119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Huazhimei Semi...
HM8116A HMSEMI-HM8116A Datasheet
989Kb / 13P
   Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
HM8116 HMSEMI-HM8116 Datasheet
918Kb / 9P
   Standoff 42V 0.6A 800kHz Sync Step-Down Regulator
logo
Semtech Corporation
SC202AMLTRT SEMTECH-SC202AMLTRT Datasheet
541Kb / 19P
   3.5MHz, 500mA Step-down Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Linear Technology
LT3991-3.3 LINER-LT3991-3.3_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991 LINER-LT3991 Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
logo
Semtech Corporation
SC202F SEMTECH-SC202F Datasheet
931Kb / 17P
   3.5MHz, 500mA Step-down Regulator with Integrated Inductor
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LT3991 LINER-LT3991_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com