công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM8116A bảng dữ liệu(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

tên linh kiện HM8116A
Giải thích chi tiết về linh kiện  Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Trang chủ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8116A bảng dữ liệu(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8116A Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
Package Description
TOP VIEW
RECOMMENDED PAD LAYOUT
FRONT VIEW
SIDE VIEW
AAAAA
2.80
3.00
1.50
1.70
2.60
3.00
PIN 1
EXAMPLE
TOP MARK
1.20
TYP
0.60
TYP
0.95
BSC
2.60
TYP
0.90
1.30
0.30
0.50
0.95 BSC
1.45 MAX
0.00
0.15
SEATING PLANE
0.09
0.20
AAAAA
2.80
3.00
1.50
1.70
2.60
3.00
PIN 1
EXAMPLE
TOP MARK
1.20
TYP
0.60
TYP
0.95
BSC
2.60
TYP
0.90
1.30
0.30
0.50
0.95 BSC
1.45 MAX
0.00
0.15
SEATING PLANE
0.09
0.20
NOTE:
1. CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS IN MILLIMETERS.
2. PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
3. PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
4. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.004" INCHES MAX.
5. DRAWING CONFORMS TO JEDEC MS-012, VARIATION BA.
6. DRAWING IS NOT TO SCALE.
AAAAA
2.80
3.00
1.50
1.70
2.60
3.00
PIN 1
EXAMPLE
TOP MARK
1.20
TYP
0.60
TYP
0.95
BSC
2.60
TYP
0.90
1.30
0.30
0.50
0.95 BSC
1.45 MAX
0.00
0.15
SEATING PLANE
0.09
0.20
NOTE:
1. CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS IN MILLIMETERS.
2. PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
3. PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
4. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.004" INCHES MAX.
5. DRAWING CONFORMS TO JEDEC MS-012, VARIATION BA.
6. DRAWING IS NOT TO SCALE.
SOT23-6
GAUGE PLANE
0.25 BSC
0.30
0.55
0°~8°
HM8116A


Số phần tương tự - HM8116A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Huazhimei Semi...
HM8116 HMSEMI-HM8116 Datasheet
918Kb / 9P
   Standoff 42V 0.6A 800kHz Sync Step-Down Regulator
More results

Mô tả tương tự - HM8116A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Huazhimei Semi...
HM8116 HMSEMI-HM8116 Datasheet
918Kb / 9P
   Standoff 42V 0.6A 800kHz Sync Step-Down Regulator
HM8119 HMSEMI-HM8119 Datasheet
1Mb / 13P
   Standoff 55V 500mA 850KHz Sync Step-Down Regulator
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
   42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
Monolithic Power System...
EV0033 MPS-EV0033 Datasheet
217Kb / 5P
   1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
EV0060 MPS-EV0060 Datasheet
207Kb / 5P
   1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
logo
Leshan Radio Company
LR9641 LRC-LR9641 Datasheet
861Kb / 8P
   42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
   42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
ACE728E ACE-ACE728E Datasheet
522Kb / 8P
   42V Input Standoff Voltage, Step-Down LED Driver
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
   42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
Linear Technology
LT3505 LINER-LT3505_15 Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com