công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM8116A bảng dữ liệu(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

tên linh kiện HM8116A
Giải thích chi tiết về linh kiện  Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Trang chủ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8116A bảng dữ liệu(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8116A Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8116A Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Thermal Information
Item
Description
Value
Unit
RθJA
Junction-to-ambient thermal resistance (1)(2)
105
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55
°C/W
RθJB
Junction-to-board thermal resistance
17.5
°C/W
ψJT
Junction-to-top characterization parameter
3.5
°C/W
ψJB
Junction-to-board characterization parameter
17.5
°C/W
Note (1): The package thermal impedance is calculated in accordance to JESD 51-7.
Note (2): Thermal Resistances were simulated on a 4-layer, JEDEC board.
Electrical Characteristics (1) (2)
VIN=12V, TA=25°C, unless otherwise specified.
Parameter
Test Conditions
Min
Typ.
Max
Unit
Input Voltage Range
4
38
V
Supply Current (Quiescent)
VEN =3.0V
0.4
0.8
mA
Supply Current (Shutdown)
VEN =0 or EN = GND
10
uA
Feedback Voltage
0.780
0.800
0.820
V
High-Side Switch On-Resistance
ISW=100mA
250
Low-Side Switch On-Resistance
ISW=-100mA
150
Upper Switch Current Limit
2
A
Over Voltage Protection Threshold
39
V
Switching Frequency
800
KHz
Maximum Duty Cycle
VFB=90%
92
%
Minimum On-Time
90
nS
EN Rising Threshold
1.3
V
EN Falling Threshold
0.9
V
Under-Voltage Lockout Threshold
Wake up VIN Voltage
3.6
3.8
V
Shutdown VIN Voltage
3.1
3.3
V
Hysteresis VIN voltage
300
mV
Soft Start
1
mS
Thermal Shutdown
150
Thermal Hysteresis
20
Note (1): MOSFET on-resistance specifications are guaranteed by correlation to wafer level measurements.
Note (2): Thermal shutdown specifications are guaranteed by correlation to the design and characteristics analysis.
HM8116A


Số phần tương tự - HM8116A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Huazhimei Semi...
HM8116 HMSEMI-HM8116 Datasheet
918Kb / 9P
   Standoff 42V 0.6A 800kHz Sync Step-Down Regulator
More results

Mô tả tương tự - HM8116A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Huazhimei Semi...
HM8116 HMSEMI-HM8116 Datasheet
918Kb / 9P
   Standoff 42V 0.6A 800kHz Sync Step-Down Regulator
HM8119 HMSEMI-HM8119 Datasheet
1Mb / 13P
   Standoff 55V 500mA 850KHz Sync Step-Down Regulator
logo
SHANGHAI BELLING CO., L...
BL9641 BELLING-BL9641 Datasheet
1Mb / 7P
   42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
Monolithic Power System...
EV0033 MPS-EV0033 Datasheet
217Kb / 5P
   1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
EV0060 MPS-EV0060 Datasheet
207Kb / 5P
   1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
logo
Leshan Radio Company
LR9641 LRC-LR9641 Datasheet
861Kb / 8P
   42V Input Standoff Voltage, 0.7A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
   42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
ACE728E ACE-ACE728E Datasheet
522Kb / 8P
   42V Input Standoff Voltage, Step-Down LED Driver
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9641B BELLING-BL9641B Datasheet
473Kb / 7P
   42V Input Standoff Voltage, 0.4A Step-Down Converter
logo
Linear Technology
LT3505 LINER-LT3505_15 Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com