công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM5633B bảng dữ liệu(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

tên linh kiện HM5633B
Giải thích chi tiết về linh kiện  High PSRR linear regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Trang chủ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5633B bảng dữ liệu(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5633B Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5633B Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5633B Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5633B Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5633B Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5633B Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5633B Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5633B Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5633B Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
- 1 -
Description
The HM56XXB series is a high input voltage (60V),
low quiescent current, High PSRR linear regulator
(LDO) able to provide 150mA load current.
The LDO features very fast response against line
voltage transient and load current transient, and
ensures no overshoot voltage during the LDO start
up and short circuit recovery.
The device features integrated short-circuit and
thermal shutdown protection.
The device is available with fixed output voltages
of 3.0V, 3.3V, 3.6V and 5.0V, and available in
SOT23 and SOT89 packages.
Application
Battery-powered equipment
Smoke detector and sensor
Micro controller Applications
Home Appliance
Application Circuits
Features
Low Quiescent Current:2uA
High Input Voltage Rating:Up to 80V
Output Current:150mA
High PSRR:70dB at 1Khz
Dropout Voltage:
70mV@10mA
700mV@100mA
Fixed Output Voltages:
3.0V, 3.3V, 3.6V and 5.0V
High-accuracy Output Voltage: ±2%
Good Transient Response
Integrated Short-Circuit Protection
Integrated Thermal Protection
Available Packages:
HM56XXBMR
HM56XXBMR-A
HM56XXBMR-B
HM56XXBMR-C SOT23-3
HM56XXBPR
HM56XXBPR-A
HM56XXBPR-B
HM56XXBPR-C SOT89-3
HM56XXBM5 SOT23-5
HM56XXB
HM56XXB


Số phần tương tự - HM5633B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
HM56 TTELEC-HM56 Datasheet
505Kb / 2P
   High Current Low Loss Ferrite Cube Inductors
HM56-10100R15LF TTELEC-HM56-10100R15LF Datasheet
505Kb / 2P
   High Current Low Loss Ferrite Cube Inductors
HM56-11120R19LF TTELEC-HM56-11120R19LF Datasheet
505Kb / 2P
   High Current Low Loss Ferrite Cube Inductors
HM56-11120R22LF TTELEC-HM56-11120R22LF Datasheet
505Kb / 2P
   High Current Low Loss Ferrite Cube Inductors
HM56-11120R36LF TTELEC-HM56-11120R36LF Datasheet
505Kb / 2P
   High Current Low Loss Ferrite Cube Inductors
More results

Mô tả tương tự - HM5633B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
logo
Analog Devices
ADP7156 AD-ADP7156 Datasheet
840Kb / 23P
   High PSRR, RF Linear Regulator
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
logo
Analog Devices
ADP7157 AD-ADP7157 Datasheet
1Mb / 24P
   High PSRR, RF Linear Regulator
logo
ACE Technology Co., LTD...
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
   300mA High PSRR, Linear Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
   300mA High PSRR, Linear Regulator
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
   300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
   500mA High PSRR, Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com