công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM5563A bảng dữ liệu(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

tên linh kiện HM5563A
Giải thích chi tiết về linh kiện  One Cell Lithium-ion/Polymer Battery Protection IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Trang chủ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5563A bảng dữ liệu(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5563A Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5563A Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5563A Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5563A Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5563A Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5563A Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5563A Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5563A Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5563A Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
______________________________________ ____________________________________________________ _________________________
_
Overcharge Voltage Detection
Delay Time
tCU
130
200
mS
Overdischarge Voltage Detection
Delay Time
tDL
40
60
mS
Overdischarge Current
Detection
Delay Time
*tIOV
VDD=3.6V
10
20
mS
Load Short-Circuiting Detection
Delay Time
*tSHOR
T
VDD=3.6V
75
150
uS
Note: * ---The parameter is guaranteed by design.
Figure 3. Functional Block Diagram
FUNCTIONAL DESCRIPTION
The HM5563A monitors the voltage and
current of a battery and protects it from
being damaged due to overcharge voltage,
overdischarge voltage, overdischarge
current, and short circuit conditions by
disconnecting the battery from the load
or charger. These functions are required in
order to operate the battery cell within
specified limits.
The device requires only one external
capacitor. The MOSFET is integrated and
its RSS(ON) is as low as 35mΩ typical.
Normal operating mode
If no exception condition is detected,
charging and discharging can be carried
out freely. This condition is called the
normal operating mode.
Overcharge Condition
When the battery voltage becomes higher
than the overcharge detection voltage (VCU)
during charging under normal condition
and the state continues for the overcharge
detection delay time (tCU) or longer, the
HM5563A turns the charging control FET
off to stop charging. This condition is called


Số phần tương tự - HM5563A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
HM55 ETC1-HM55 Datasheet
450Kb / 3P
   Shielded Drum Compact Package Low Cost Inductors
logo
Bi technologies
HM55 BITECH-HM55 Datasheet
683Kb / 3P
   Shielded Drum Compact Package Low Cost Inductors
logo
TT Electronics.
HM55 TTELEC-HM55 Datasheet
976Kb / 3P
   Shielded Cube Compact Package Low Cost Inductors
logo
RCD COMPONENTS INC.
HM55-1000-AB RCD-HM55-1000-AB Datasheet
30Kb / 1P
   HERMETIC SEALED PRECISION METAL FILM RESISTORS
HM55-1000-AT RCD-HM55-1000-AT Datasheet
30Kb / 1P
   HERMETIC SEALED PRECISION METAL FILM RESISTORS
More results

Mô tả tương tự - HM5563A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
   One Cell Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
Shenzhen Huazhimei Semi...
HM9901 HMSEMI-HM9901 Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5456R HMSEMI-HM5456R Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5453 HMSEMI-HM5453 Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5433A HMSEMI-HM5433A Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com