công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX8MNCEC bảng dữ liệu(PDF) 57 Page - NXP Semiconductors

tên linh kiện IMX8MNCEC
Giải thích chi tiết về linh kiện  i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MNCEC bảng dữ liệu(HTML) 57 Page - NXP Semiconductors

Back Button IMX8MNCEC Datasheet HTML 53Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 54Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 55Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 56Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 57Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 58Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 59Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 60Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
Electrical characteristics
i.MX 8M Nano Applications Processor Datasheet for Consumer Products, Rev. 0.1, 03/2020
NXP Semiconductors
57
Figure 34. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x0, 0x1, 0x2
NOTE
Timing shown is based on the memory generating read data on the SCK
falling edge, and FlexSPI controller sampling read data on the falling edge.
3.9.9.1.2
SDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x3
There are two cases when the memory provides both read data and the read strobe in SDR mode:
•A1Memory generates both read data and read strobe on SCK rising edge (or falling edge)
•A2Memory generates read data on SCK falling edge and generates read strobe on SCK rising
edge
Table 45. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x1, 0x2
Symbol
Parameter
Min.
Max.
Unit
Notes
[D:] Frequency of operation
133
MHz
F1
[D:] Setup time for incoming data
1.5
ns
1
1 The setup specification here assumes the data learning feature is not used. If data learning is enabled, then TIS can be
decreased by up to 2ns.
F2
[D:] Hold time for incoming data
1
ns
Table 46. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (Case A1)
Symbol
Parameter
Min.
Max.
Unit
[D:] Frequency of operation
166
MHz
F3
[D:] Time from SCK to data valid
ns
F4
[D:] Time from SCK to DQS
ns
[D:] Time delta between TSCKD and
TSCKDQS
-2
2
ns
F1
F2
F1
F2
FLEXSPI_SCLK
FLEXSPI_DATA[7:0]
Internal Sample Clock


Số phần tương tự - IMX8MNCEC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
More results

Mô tả tương tự - IMX8MNCEC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
   i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX7ULPCEC NXP-IMX7ULPCEC Datasheet
2Mb / 118P
   i.MX 7ULP Applications Processor-Consumer Products
Rev. 0, 06/2019
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
   i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com