công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX8MNCEC bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện IMX8MNCEC
Giải thích chi tiết về linh kiện  i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MNCEC bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  IMX8MNCEC Datasheet HTML 1Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 2Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 3Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 4Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 5Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 6Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 7Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 8Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
i.MX 8M Nano introduction
i.MX 8M Nano Applications Processor Datasheet for Consumer Products, Rev. 0.1, 03/2020
NXP Semiconductors
3
External memory interface
16-bit DRAM interfaces:
• LPDDR4-3200
• DDR4-2400
• DDR3L-1600
8-bit NAND-Flash, including support for Raw MLC/SLC devices, BCH ECC up to
62-bit, and ONFi3.2 compliance (clock rates up to 100 MHz and data rates up to 200
MB/sec)
eMMC 5.1 Flash (3 interfaces)
SPI NOR Flash (3 interfaces)
QuadSPI Flash with support for XIP (for Cortex®-M7 in low-power mode) and parallel
read mode of two identical FLASH devices
Multimedia
Graphic Processing Unit:
• GC7000UL with OpenCL and Vulkan support
• 2 shader
• 99.8 million triangles/sec
• 0.6 giga pixel/sec
• 9.6 GFLOPs 32-bit/19.2 GFLOPs 16-bit
• Supports OpenGL ES 1.1, 2.0, 3.0, OpenCL
• Core clock frequency of 600 MHz
• Shader clock frequency of 600 MHz
LCDIF Display Controller:
• Support up to 1080p60 display through MIPI DSI
MIPI Interfaces:
• 4-lane MIPI DSI interface
• 4-lane MIPI CSI interface
Audio:
• S/PDIF input and output, including a raw capture input mode
• Five external synchronous audio interface (SAI) modules supporting I2S, AC97,
TDM, codec/DSP, and DSD interfaces, comprising one SAI with 4 Tx and 4 Rx
lanes, two SAI with 2 Tx and 2 Rx lanes, and two SAI with 1 Tx and 1Rx lane. All
ports support 49.152 MHz BCLK.
• ASRC supports processing 32 audio channels, 4 context groups, 8 kHz to 384 kHz
sample rate and 1/16 to 8x sample rate conversion ratio.
• Pulse Density Modulation (PDM) input
Table 1. Features (continued)
Subsystem
Feature


Số phần tương tự - IMX8MNCEC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
More results

Mô tả tương tự - IMX8MNCEC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
   i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX7ULPCEC NXP-IMX7ULPCEC Datasheet
2Mb / 118P
   i.MX 7ULP Applications Processor-Consumer Products
Rev. 0, 06/2019
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
   i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com