công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX8MNCEC bảng dữ liệu(PDF) 17 Page - NXP Semiconductors

tên linh kiện IMX8MNCEC
Giải thích chi tiết về linh kiện  i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MNCEC bảng dữ liệu(HTML) 17 Page - NXP Semiconductors

Back Button IMX8MNCEC Datasheet HTML 13Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 14Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 15Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 16Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 17Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 18Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 19Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 20Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
Electrical characteristics
i.MX 8M Nano Applications Processor Datasheet for Consumer Products, Rev. 0.1, 03/2020
NXP Semiconductors
17
3.1.3
Operating ranges
Table 10 provides the operating ranges of the i.MX 8M Nano applications processor. For details on the
chip's power structure, see the “Power Management Unit (PMU)” chapter of the i.MX 8M Nano
Applications Processor Reference Manual (IMX8MNRM).
Table 10. Operating ranges
Symbol
Min
Typ
Max1
Unit
Comment
VDD_ARM
0.805
0.850
0.950
V
Power supply for Cortex® A53, 1.2 GHz
0.900
0.950
1.000
V
Power supply for Cortex® A53, 1.4 GHz
0.950
1.000
1.050
V
Power supply for Cortex® A53, 1.5 GHz
VDD_SOC
0.805
0.850
0.900
V
Power supply for SoC logic2, Cortex® M7
600 MHz
0.900
0.950
1.000
V
Power supply for SoC logic, overdrive
mode, Cortex® M7 750 MHz
VDD_GPU
0.805
0.850
0.900
V
Power supply for 3D GPU,
nominal mode, 400 MHz
0.900
0.950
1.000
V
Power supply for 3D GPU,
overdrive mode, 600 MHz
VDD_DRAM
0.805
0.850
0.900
V
Power supply for DDRC, 0.85 V supports
up to 1.2 GHz (DDR clock)
0.900
0.950
1.000
V
Power supply for DDRC, 0.95 V supports
up to 1.6 GHz (DDR clock)
VDD_SNVS_0P8
0.760
0.800
0.900
V
Power supply for SNVS core logic
NVCC_SNVS_1P8
1.620
1.800
1.980
V
Power supply for GPIO pre-driver in
SNVS bank
NVCC_JTAG,
NVCC_GPIO1,
NVCC_ENET, NVCC_SD1,
NVCC_SD2,NVCC_NAND,
NVCC_SAI2, NVCC_SAI3,
NVCC_SAI5,
NVCC_ECSPI, NVCC_I2C,
NVCC_UART,
NVCC_CLK
1.650
1.800
1.950
V
Power supply for GPIO when it is in 1.8 V
mode
3.000
3.300
3.600
V
Power supply for GPIO when it is in 3.3 V
mode
NVCC_ENET
2.250
2.500
2.750
V
Power supply for GPIO when it is in 2.5 V
mode
PVCC0_1P8,
PVCC1_1P8,
PVCC2_1P8
1.650
1.800
1.950
V
Power supply for GPIO pre-driver
VSS
V
Ground for all core logic and I/O
NVCC_DRAM
1.283
1.35
1.425
V
DDR3L
1.14
1.2
1.26
V
DDR4
1.06
1.1
1.14
V
LPDDR4


Số phần tương tự - IMX8MNCEC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
More results

Mô tả tương tự - IMX8MNCEC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
   i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX7ULPCEC NXP-IMX7ULPCEC Datasheet
2Mb / 118P
   i.MX 7ULP Applications Processor-Consumer Products
Rev. 0, 06/2019
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
   i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com