công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX8MNIEC bảng dữ liệu(PDF) 48 Page - NXP Semiconductors

tên linh kiện IMX8MNIEC
Giải thích chi tiết về linh kiện  i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MNIEC bảng dữ liệu(HTML) 48 Page - NXP Semiconductors

Back Button IMX8MNIEC Datasheet HTML 44Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 45Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 46Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 47Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 48Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 49Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 50Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 51Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
i.MX 8M Nano Applications Processor Datasheet for Industrial Products, Rev. 0.1, 03/2020
48
NXP Semiconductors
Electrical characteristics
In EDO mode (Figure 24), NF16/NF17 are different from the definition in non-EDO mode (Figure 23).
They are called tREA/tRHOH (RE# access time/RE# HIGH to output hold). The typical values for them
are 16 ns (max for tREA)/15 ns (min for tRHOH) at 50 MB/s EDO mode. In EDO mode, GPMI samples
NAND_DATAxx at the rising edge of delayed NAND_RE_B provided by an internal DPLL. The delay
value can be controlled by GPMI_CTRL1.RDN_DELAY (see the GPMI chapter of the i.MX 8M Nano
Applications Processor Reference Manual [IMX8MNRM]). The typical value of this control register is
0x8 at 50 MT/s EDO mode. But if the board delay is big enough and cannot be ignored, the delay value
should be made larger to compensate the board delay.
Table 39. Asynchronous mode timing parameters1
1 GPMI’s Asynchronous mode output timing can be controlled by the module’s internal registers
HW_GPMI_TIMING0_ADDRESS_SETUP, HW_GPMI_TIMING0_DATA_SETUP, and HW_GPMI_TIMING0_DATA_HOLD.
This AC timing depends on these registers settings. In the table, AS/DS/DH represents each of these settings.
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Unit
Min.
Max.
NF1
NAND_CLE setup time
tCLS
(AS + DS)
 T - 0.12 [see notes2,3]
2
AS minimum value can be 0, while DS/DH minimum value is 1.
3 T = GPMI clock period -0.075 ns (half of maximum p-p jitter).
ns
NF2
NAND_CLE hold time
tCLH
DH
 T - 0.72 [see note2]ns
NF3
NAND_CE0_B setup time
tCS
(AS + DS + 1)
 T [see notes3,2]ns
NF4
NAND_CE0_B hold time
tCH
(DH+1)
 T - 1 [see note2]ns
NF5
NAND_WE_B pulse width
tWP
DS
 T [see note2]ns
NF6
NAND_ALE setup time
tALS
(AS + DS)
 T - 0.49 [see notes3,2]ns
NF7
NAND_ALE hold time
tALH
DH
 T - 0.42 [see note2]ns
NF8
Data setup time
tDS
DH
 T - 0.26 [see note2]ns
NF9
Data hold time
tDH
DH
 T - 1.37 [see note2]ns
NF10
Write cycle time
tWC
(DS + DH)
 T [see note2]ns
NF11
NAND_WE_B hold time
tWH
DH
 T [see note2]ns
NF12
Ready to NAND_RE_B low
tRR4
4 NF12 is guaranteed by the design.
(AS + 2)
 T [see 3,2]—
ns
NF13
NAND_RE_B pulse width
tRP
DS
 T [see note2]ns
NF14
READ cycle time
tRC
(DS + DH)
 T [see note2]ns
NF15
NAND_RE_B high hold time
tREH
DS
 T [see note2]ns
NF16
Data setup on read
tDSR
(DS
 T -0.67)/18.38 [see
notes5,6]
5 Non-EDO mode.
6 EDO mode, GPMI clock
 100 MHz
(AS=DS=DH=1, GPMI_CTL1 [RDN_DELAY] = 8, GPMI_CTL1 [HALF_PERIOD] = 0).
ns
NF17
Data hold on read
tDHR
0.82/11.83 [see notes5,6]—
ns


Số phần tương tự - IMX8MNIEC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results

Mô tả tương tự - IMX8MNIEC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
   i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
IMX8ULPIEC NXP-IMX8ULPIEC Datasheet
1Mb / 100P
   i.MX 8ULP Applications Processor-Industrial Products
Rev. 1 - 09/2023
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com