công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JN5189 bảng dữ liệu(PDF) 76 Page - NXP Semiconductors

tên linh kiện JN5189
Giải thích chi tiết về linh kiện  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 bảng dữ liệu(HTML) 76 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 72Page - NXP Semiconductors JN5189 Datasheet HTML 73Page - NXP Semiconductors JN5189 Datasheet HTML 74Page - NXP Semiconductors JN5189 Datasheet HTML 75Page - NXP Semiconductors JN5189 Datasheet HTML 76Page - NXP Semiconductors JN5189 Datasheet HTML 77Page - NXP Semiconductors JN5189 Datasheet HTML 78Page - NXP Semiconductors JN5189 Datasheet HTML 79Page - NXP Semiconductors JN5189 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
76 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
PinBlocking
Blocking input power
Desired channel IEEE
802.15.4, level =
measured sensitivity + 6
dB, channels 11 & 26.
Unwanted channel CW
at 2380 MHz or 2503.5
MHz
-20
dBm
Desired channel IEEE
802.15.4, level =
measured sensitivity + 6
dB, channels 11 & 26.
Unwanted channel CW
at 2300 MHz, 2330 MHz
& 2360 MHz
-17.2
dBm
Desired channel IEEE
802.15.4, level =
measured sensitivity +
6dB, channels 11 & 26.
Unwanted channel CW
at 2523.5 MHz, 2553.5
MHZ, 2583.5 MHz,
2613.5 MHz, 2643.5
MHz, 2673.5 MHz
-16.3
dBm
RSSIvar
RSSI variation
Desired channel IEEE
802.15.4, over the RSSI
range -97 dBm to +5
dBm
[6]
2
dB
PspRX
Receiver spurious emission,
Measured conducted into 50
ohms
30 MHz to 1 GHz, 100
kHz RBW, 300 kHz
VBW, Filter type 3 dB
(Gaussian), Peak
detector, Trace Mode
Max hold
-87.7
dBm
1 GHz to 12.75 GHz, 1
MHz RBW, 3MHz VBW,
Filter type 3dB
(Gaussian), Peak
detector, Trace mode
Max hold
-64.9
dBm
LOLeakRX
Local oscillator leakage
power
-98
dBm
RejWIFI
WIFI rejection
1 % PER, with wanted
signal IEEE 802.15.4
-75 dBm 2470 MHz,
WIFI signal IEEE
802.11n 2447 MHz
(20MHz mode)
51.1
dB
Transmitter
PoutMax
Maximum output power
10.4
dBm
Pout
Output power +10 dBm
accuracy
In-band tilt
9.1
 0.4
dBm
Table 44.
Radio transceiver characteristics: +125
°C …continued
VDD = 1.9 V to 3.6 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Số phần tương tự - JN5189

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Mô tả tương tự - JN5189

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com