công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JN5189 bảng dữ liệu(PDF) 58 Page - NXP Semiconductors

tên linh kiện JN5189
Giải thích chi tiết về linh kiện  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 bảng dữ liệu(HTML) 58 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 54Page - NXP Semiconductors JN5189 Datasheet HTML 55Page - NXP Semiconductors JN5189 Datasheet HTML 56Page - NXP Semiconductors JN5189 Datasheet HTML 57Page - NXP Semiconductors JN5189 Datasheet HTML 58Page - NXP Semiconductors JN5189 Datasheet HTML 59Page - NXP Semiconductors JN5189 Datasheet HTML 60Page - NXP Semiconductors JN5189 Datasheet HTML 61Page - NXP Semiconductors JN5189 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
58 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
14.1.7 32 MHz crystal oscillator
14.1.8 High-speed free running oscillator
14.1.9 Temperature sensor
14.2 Flash memory
Table 24.
32 MHz crystal oscillator
VDDE = 1.9 V to 3.6 V; Tj =
−40°C to +125°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
freq
XTAL center
frequency
32
MHz
fffro
XTAL accuracy
-40
40
ppm
tstartup
Start-up time
Time to reach 50 ppm accuracy
150
s
IDD
XTAL current
69
A
Table 25.
High-speed free running oscillator
VDDE = 1.9 V to 3.6 V; Tj =
−40°C to +125°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
freq
FRO center
frequency
48 MHz clock output
48
MHz
32 MHz clock output
32
MHz
12 MHz clock output
12
MHz
fffro
FRO accuracy
-2
2%
Table 26.
Temperature sensor
VDDE = 1.9 V to 3.6 V; Tj =
−40°C to +125°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tsen
sensor temperature range
40
+125
°C
Gsen
sensor gain
At ADC output after conversion
10.12
LSB/°C
TsenSlope
Temperature sensor slope After calibration at 25 °C

2.5
%
Tsen25
Temperature accuracy at
25°C
2
°C
Tsen
Sensor temperature
accuracy
Full range -40 to +125 °C
-4.5
4.5
°C
TTN
Temperature sensor
thermal noise
After calibration at 25 °C
0.07
°C·RMS
Table 27.
Flash memory
VDDE = 1.9 V to 3.6 V; Tj =
−40 °C to +125 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
Endurance
Page erase/program
[1]
100000

cycles
Page erase/program
[2]
10000

cycles
Mass erase/program
[1]
100000

cycles
Mass erase/program
[2]
10000

cycles
tret
Retention time
Powered
10

year
Unpowered
10

year


Số phần tương tự - JN5189

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Mô tả tương tự - JN5189

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com