công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JN5189 bảng dữ liệu(PDF) 18 Page - NXP Semiconductors

tên linh kiện JN5189
Giải thích chi tiết về linh kiện  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 bảng dữ liệu(HTML) 18 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 14Page - NXP Semiconductors JN5189 Datasheet HTML 15Page - NXP Semiconductors JN5189 Datasheet HTML 16Page - NXP Semiconductors JN5189 Datasheet HTML 17Page - NXP Semiconductors JN5189 Datasheet HTML 18Page - NXP Semiconductors JN5189 Datasheet HTML 19Page - NXP Semiconductors JN5189 Datasheet HTML 20Page - NXP Semiconductors JN5189 Datasheet HTML 21Page - NXP Semiconductors JN5189 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
18 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
PIO18/ADC4
22
IO
GPIO18[1]
ADC4 — ADC input 4
GPIO18 — General Purpose digital Input/Output 18
SPI1_MISO — Serial Peripheral Interface-bus 1, master data input
CT32B0_MAT1 — 32-bit CT32B0 match output 1
PWM7 — Pulse Width Modulator output 7
SPIFI_CLK — Quad-SPI Clock output
ISO7816_IO — IO of ISO7816 interface
USART0_TXD — Universal Synchronous/Asynchronous
Receiver/Transmitter 0 - transmit data output
PIO19/ADC5
23
IO
GPIO19[1]
ADC5 — ADC input 5
GPIO19 — General Purpose digital Input/Output 19
ADO — Antenna Diversity Odd Output
PWM4 — Pulse Width Modulator output 4
SPIFI_IO0 — Quad-SPI Input/Output 0
USART1_RXD — Universal Synchronous/Asynchronous
Receiver/Transmitter 1 - receive data input
CLK_IN — External clock
USART0_RXD — Universal Synchronous/Asynchronous
Receiver/Transmitter 0 - receive data input
PIO20/ACP
24
IO
GPIO20[1]
ACP — Analog Comparator Positive input
GPIO20 — General Purpose digital Input/Output 20
IR_BLASTER — Infra-Red Modulator output
PWM8 — Pulse Width Modulator output 8
RFTX — Radio Transmit Control Output
SPIFI_IO2 — Quad-SPI Input/Output 2
USART1_TXD — Universal Synchronous/Asynchronous
Receiver/Transmitter 1 - transmit data output
PIO21/ACM
25
IO
GPIO21[1]
ACM — Analog Comparator Negative input
GPIO21 — General Purpose digital Input/Output 21
IR_BLASTER — Infra-Red Modulator output
PWM9 — Pulse Width Modulator output 9
RFRX — Radio Receiver Control Output
SWO — Serial Wire Output
SPIFI_IO1 — Quad-SPI Input/Output 1
USART1_SCK — Universal Synchronous/Asynchronous
Receiver/Transmitter 1 - synchronous clock
TRST
26
G
TRST — must be connected to GND
RSTN
27
I
RSTN — Reset Not input
VBAT
28
P
VBAT — Supply voltage DCDC input
LX
29
LX — DCDC filter
VSS(DCDC)
30
G
VSS(DCDC) — ground for DCDC section
FB
31
FB — DCDC Feedback input
Table 5.
Pin descriptions
Symbol
Pin
Type
Default at reset
Description


Số phần tương tự - JN5189

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Mô tả tương tự - JN5189

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com