công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KTFRDMPT2001EVMUG bảng dữ liệu(PDF) 17 Page - NXP Semiconductors

tên linh kiện KTFRDMPT2001EVMUG
Giải thích chi tiết về linh kiện  FRDMPT2001EVM evaluation board
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTFRDMPT2001EVMUG bảng dữ liệu(HTML) 17 Page - NXP Semiconductors

Back Button KTFRDMPT2001EVMUG Datasheet HTML 13Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 14Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 15Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 16Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 17Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 18Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 19Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 20Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
NXP Semiconductors
KTFRDMPT2001EVMUG
FRDMPT2001EVM evaluation board
KTFRDMPT2001EVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 1.2 — 13 November 2018
17 / 25
2. With the power supply switched off, attach the +12 VDC supply to the VSUPP
input connector on the FRDMPT2001EVM board. Make sure that the power supply
is connected to the correct GND and +12 V terminals on the board. The current
capability of the +12 V supply must exceed the maximum total current required by the
number of loads that can be ON simultaneously.
3. Attach loads (Injectors) to the INJ1, INJ2, INJ3, and INJ4 output terminals as desired.
4. Turn on the +12 V supply. The +5.0 V LED illuminates, indicating that the board is
properly connected.
7.2 Downloading microcode
To use the FRDMPT2001EVM in a development environment, the developer must install
an NXP Integrated Design Environment (IDE) to download and run microcode. The
procedure for downloading microcode differs depending on whether the microcode is
being downloaded to the S32K144EVB-Q100 or to the FRDMPT2001EVM.
7.2.1 Downloading microcode to the S32K144EVB-Q100
The procedure for downloading microcode to the S32K144 device on the S32K144EVB-
Q100 consist of the following steps:
1. Installing NXP's S32 Design Studio.
2. Downloading the S32K144EVB-Q100 example project file.
3. Importing the example project file into S32 Design Studio.
4. Customizing (optional) and building the example project file firmware image.
5. Downloading the firmware image to the S32K144EVB-Q100.
The following sections describe each of these steps in detail.


Số phần tương tự - KTFRDMPT2001EVMUG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
KTFRDMPWRSTG1UG NXP-KTFRDMPWRSTG1UG Datasheet
2Mb / 23P
   FRDM-PWRSTG1EVB evaluation board
Rev. 3.0, 6/2016
More results

Mô tả tương tự - KTFRDMPT2001EVMUG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com