công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9450 bảng dữ liệu(PDF) 56 Page - NXP Semiconductors

tên linh kiện PCA9450
Giải thích chi tiết về linh kiện  Power management IC for i.MX 8M application processor family
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9450 bảng dữ liệu(HTML) 56 Page - NXP Semiconductors

Back Button PCA9450 Datasheet HTML 52Page - NXP Semiconductors PCA9450 Datasheet HTML 53Page - NXP Semiconductors PCA9450 Datasheet HTML 54Page - NXP Semiconductors PCA9450 Datasheet HTML 55Page - NXP Semiconductors PCA9450 Datasheet HTML 56Page - NXP Semiconductors PCA9450 Datasheet HTML 57Page - NXP Semiconductors PCA9450 Datasheet HTML 58Page - NXP Semiconductors PCA9450 Datasheet HTML 59Page - NXP Semiconductors PCA9450 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
NXP Semiconductors
PCA9450
Power management IC for i.MX 8M application processor family
PCA9450
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 1.0 — 19 November 2019
56 / 96
9.1.2 PCA9450B reference schematic
PCA9450B reference schematic with i.MX 8M Nano is illustrated in Figure 22.
aaa-035725
PCA9450B
i.MX 8M
Nano
SBIAS, REF,
UVLO,
TSHDN
BUCK2
0.85 V
3 A
INT LDO
VINT
PMIC_RST_B
PMIC_ON_REQ
PMIC_STBY_REQ
NVCC_SNVS
LDO1
WDOG_B
RTC_RESET_B
POR_B
LDO1
DVS
PGND
INB26
LX2
C11
10 µF
C12
22 µF
L1
0.47 µH
R_SNSP2
VSYS
VDD_ARM
R1
100 kΩ
R4
100 kΩ
R3
4.7 kΩ
R2
4.7 kΩ
VSYS
SYS
C1
1 µF
C2
1 µF
LDO1
NVCC_1V8
BUCK5
NVCC_1V8
BUCK5
SCL
l2C
INTERFACE
SDA
IRQ_B
R6
4.7 kΩ
R5
4.7 kΩ
SCLL
VINT
SWIN
SDAL
R8
4.7 kΩ
R7
4.7 kΩ
X1, X-tal
C3
C4
LDO1
3V3 V
BUCK4
SDAH
SCLH
32.768 kHz
X-TAL DRIVER
LDO1
1.8 V
10 mA
XTAL_IN
INL1
LDO1
LDO2
LDO3
LDO4
LDO5
SD_VSEL
SYS
XTAL_OUT
CLK_32K_OUT
RTC_XTALI
l2C LEVEL
TRANSLATOR
C5
4.7 µF
NVCC_SNVS
C6
1 µF
LDO2
0.8 V
10 mA
VDD_SNVS
C7
1 µF
LDO3
1.8 V
300 mA
VDDA
C8
2.2 µF
LDO4
0.9 V
200 mA
VDD_MIPI_1P2
C9
1 µF
LDO5
3.3 V/1.8 V
150 mA
NVCC_SD2
VDD_MIPI_0P9
C10
1 µF
BUCK1
0.85 V
3 A
DUAL
PHASE
CONFIG
IN
PCA9450
DVS
PGND
INB13
LX1
C13
10 µF
C14
22 µF
L2
0.47 µH
R_SNSP1
VSYS
VDD_SOC
VDD_VPU
VDD_GPU
VDD_DRAM
BUCK3
0.85 V
3 A
ON/OFF
CONTROL
AND
I2C
REGISTER
i.MX 8M
Nano
DVS
PGND
INB13
LX3
R_SNSP3_CFG
VSYS
BUCK4
3.3 V
3 A
PGND
INB45
LX4
C17
10 µF
C18
22 µF
L4
0.47 µH
BUCK4FB
VSYS
NVCC_3V3
BUCK5
1.8 V
2 A
BUCK6
1.1 V
2 A
PGND
INB45
LX5
C19
4.7 µF
C20
22 µF
L5
0.47 µH
BUCK5FB
VSYS
NVCC_1V8
LOAD SW
DRIVER
PGND
INB26
LX6
C21
4.7 µF
C23
1 µF
C24
1 µF
L6
0.47 µH
BUCK6FB
SWIN
SWOUT
SW_EN
EP
AGND
VSYS
BUCK 4
NVCC_DRAM
SD_CARD
SD_CARD
C22
22 µF
BUCK_AGND
Figure 22. PCA9450B application schematic


Số phần tương tự - PCA9450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PCA9450 NXP-PCA9450 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PCA9450 NXP-PCA9450 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AA NXP-PCA9450AA Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHN NXP-PCA9450AAHN Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHNY NXP-PCA9450AAHNY Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
More results

Mô tả tương tự - PCA9450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PCA9450 NXP-PCA9450_V01 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
logo
Texas Instruments
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
TPS6521825 TI1-TPS6521825_V01 Datasheet
1Mb / 109P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
logo
NXP Semiconductors
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
NXP Semiconductors
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com