công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9450 bảng dữ liệu(PDF) 50 Page - NXP Semiconductors

tên linh kiện PCA9450
Giải thích chi tiết về linh kiện  Power management IC for i.MX 8M application processor family
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9450 bảng dữ liệu(HTML) 50 Page - NXP Semiconductors

Back Button PCA9450 Datasheet HTML 46Page - NXP Semiconductors PCA9450 Datasheet HTML 47Page - NXP Semiconductors PCA9450 Datasheet HTML 48Page - NXP Semiconductors PCA9450 Datasheet HTML 49Page - NXP Semiconductors PCA9450 Datasheet HTML 50Page - NXP Semiconductors PCA9450 Datasheet HTML 51Page - NXP Semiconductors PCA9450 Datasheet HTML 52Page - NXP Semiconductors PCA9450 Datasheet HTML 53Page - NXP Semiconductors PCA9450 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
NXP Semiconductors
PCA9450
Power management IC for i.MX 8M application processor family
PCA9450
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 1.0 — 19 November 2019
50 / 96
0x01 : 1.90 V
0x5 : 2.30 V
0x9 : 2.70 V
0xD : 3.10 V
0x02 : 2.00 V
0x6 : 2.40 V
0xA : 2.80 V
0xE : 3.20 V
0x03 : 2.10 V
0x7 : 2.50 V
0xB : 2.90 V
0xF : 3.30 V
8.2.38 0x2A LOADSW_CTRL
Load switch control register for active discharge, short/over current and enable
Table 64. 0x2A LOADSW_CTRL
0x2A – LOADSW_CTRL
Reset Type
O
Bit
Name
Type
Reset Description
7
SW_AD
R/W
1
Load switch active discharge
0b = Always disable active discharge resistor
1b = Enable active discharge resistor when it is OFF
6:5
RSVD
R/W
00
Reserved
4
SW_SC
R/W
0
When switch detects short circuit current
0b = Turned OFF and set SWEN[1:0] are set to 00b automatically
1b = Turned off and restart in 100 ms
3:2
SW_OC
R/W
01
When load switch detects over current
00b = Turned OFF and set SWEN[1:0] are set to 00b automatically
01b = Turned off and restart in 100 ms
10b, 11b = stay ON
1:0
SWEN
R/W
01
SW Enable control
00b = Forced OFF
01b = Enabled by SW_EN pin
10b = Forced ON
11b = Forced ON
8.2.39 0x2B VRFLT1_STS
Voltage regulator fault status register. It is latched to 1 once corresponding regulator
detects fault. If the bit is overwritten to 1, the corresponding bit is newly updated by
current status.
Table 65. 0x2B VRFLT1_STS
0x2B – VRFLT1_STS
Reset Type
S
Bit
Name
Type
Reset Description
7
SW_OCP
R/W/C
0
Load SW OCP status, deglitched with tDEB_POKB_SW
0 = Load SW doesn’t exceed current limit or is OFF
1 = Load SW exceeded current limit
6
RSVD
R/W/C
0
Reserved
5
BUCK6_FLT
R/W/C
0
BUCK6 Fault status, deglitched with tDEB_POKB
0b = BUCK6 output is good or BUCK6 is OFF
1b = BUCK6 output falls below 80 % of target


Số phần tương tự - PCA9450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PCA9450 NXP-PCA9450 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PCA9450 NXP-PCA9450 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AA NXP-PCA9450AA Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHN NXP-PCA9450AAHN Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHNY NXP-PCA9450AAHNY Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
More results

Mô tả tương tự - PCA9450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PCA9450 NXP-PCA9450_V01 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
logo
Texas Instruments
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
TPS6521825 TI1-TPS6521825_V01 Datasheet
1Mb / 109P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
logo
NXP Semiconductors
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
NXP Semiconductors
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com