công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9450 bảng dữ liệu(PDF) 15 Page - NXP Semiconductors

tên linh kiện PCA9450
Giải thích chi tiết về linh kiện  Power management IC for i.MX 8M application processor family
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9450 bảng dữ liệu(HTML) 15 Page - NXP Semiconductors

Back Button PCA9450 Datasheet HTML 11Page - NXP Semiconductors PCA9450 Datasheet HTML 12Page - NXP Semiconductors PCA9450 Datasheet HTML 13Page - NXP Semiconductors PCA9450 Datasheet HTML 14Page - NXP Semiconductors PCA9450 Datasheet HTML 15Page - NXP Semiconductors PCA9450 Datasheet HTML 16Page - NXP Semiconductors PCA9450 Datasheet HTML 17Page - NXP Semiconductors PCA9450 Datasheet HTML 18Page - NXP Semiconductors PCA9450 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
NXP Semiconductors
PCA9450
Power management IC for i.MX 8M application processor family
PCA9450
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 1.0 — 19 November 2019
15 / 96
aaa-035710
NVCC_SNVS
VDD_SNVS
LDO1
LDO2
VSYS
RTC_RESET_B
CLK_32K_OUT
Int RC Osc
X-tal Osc
PHY_0P9
LDO4
VDD_DRAM
VDD_G/VPU
BUCK3
VDD_SOC
VDDA_1P8
VDDA_DRAM
NVCC_1V8
NVCC_3V3
NVCC_DRAM
POR_B
BUCK1
LDO3
BUCK5
BUCK4
BUCK6
VDD_ARM
BUCK2
NVCC_SD2
LDO5
Mode
Any state
FAULT_SD
Thermal
Shutdown
Event
NOTE1
NOTE1
NOTE1
SNVS
tFLT_THSD
Tj < TJSHDN
Note 1 : If LDO1/LDO2 triggers fault condition when junction temperature reaches thermal shutdown
threshold, LDO1/LDO2/RTC_RESETB/CLK_32K_OUT is turned off. Otherwise, they are kept on.
Figure 9. PCA9450 FAULT_SD from Thermal shutdown
Table 8. tFLT_THSD
Time
Description
Value
tFLT_THSD
Time to reset released from Fault event
120 μs
2.
Voltage regulator fault during power up: Transition to READY mode after
FAULT_SD mode.


Số phần tương tự - PCA9450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PCA9450 NXP-PCA9450 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PCA9450 NXP-PCA9450 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AA NXP-PCA9450AA Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHN NXP-PCA9450AAHN Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHNY NXP-PCA9450AAHNY Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
More results

Mô tả tương tự - PCA9450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PCA9450 NXP-PCA9450_V01 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
logo
Texas Instruments
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
TPS6521825 TI1-TPS6521825_V01 Datasheet
1Mb / 109P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
logo
NXP Semiconductors
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
NXP Semiconductors
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com