công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TEA2095T bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện TEA2095T
Giải thích chi tiết về linh kiện  GreenChip dual synchronous rectifier controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2095T bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button TEA2095T Datasheet HTML 3Page - NXP Semiconductors TEA2095T Datasheet HTML 4Page - NXP Semiconductors TEA2095T Datasheet HTML 5Page - NXP Semiconductors TEA2095T Datasheet HTML 6Page - NXP Semiconductors TEA2095T Datasheet HTML 7Page - NXP Semiconductors TEA2095T Datasheet HTML 8Page - NXP Semiconductors TEA2095T Datasheet HTML 9Page - NXP Semiconductors TEA2095T Datasheet HTML 10Page - NXP Semiconductors TEA2095T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NXP Semiconductors
TEA2095T
GreenChip dual synchronous rectifier controller
TEA2095T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.1 — 10 April 2020
7 / 19
aaa-018615
0 V
0 V
0 A
Vthreshold
SR switch
low
current
high
current
secondary
current
drain sense-
source sense
voltage
gate
driver
Vact(drv)
td(act)(drv)
Vreg(drv)
Figure 4. Synchronous rectification signals
8.5 Gate driver (GDA and GDB pins)
The gate driver circuit charges the gate of the external SR MOSFET during the rising part
of the current. The driver circuit discharges the gate during the falling part of the current.
The gate driver has a source capability of typically Isource and a sink capability of typically
Isink. The source and sink capability allow a fast turn-on and a fast turn-off of the external
SR MOSFET.
The maximum driver output voltage is limited to VG(max). This high output voltage drives
all MOSFET brands to the minimum on-state resistance.
In applications where the IC is supplied with 5 V, the maximum output voltage of the
driver is limited to 5 V. Logic level SR MOSFETs can be used.
During start-up conditions (VCC < Vstart) and UVLO, the driver output voltage is actively
pulled low.


Số phần tương tự - TEA2095T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA2095TE NXP-TEA2095TE Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.1-10 April 2020
TEA2095TE NXP-TEA2095TE Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.2 - 3 February 2023
TEA2095TE/1 NXP-TEA2095TE/1 Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.2 - 3 February 2023
TEA2095TE/1/S30 NXP-TEA2095TE/1/S30 Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.2 - 3 February 2023
TEA2095TE1 NXP-TEA2095TE1 Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.1-10 April 2020
More results

Mô tả tương tự - TEA2095T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TEA1995T PHILIPS-TEA1995T Datasheet
190Kb / 17P
   GreenChip dual synchronous rectifier controller
Rev. 1-30 July 2015
TEA2096T NXP-TEA2096T Datasheet
257Kb / 18P
   GreenChip dual synchronous rectifier controller
Rev. 1 - 9 September 2022
TEA2095TE NXP-TEA2095TE Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.1-10 April 2020
TEA1995T NXP-TEA1995T_V01 Datasheet
230Kb / 18P
   GreenChip dual synchronous rectifier controller
Rev. 3-5 December 2017
TEA2095TE NXP-TEA2095TE_V01 Datasheet
231Kb / 19P
   GreenChip dual synchronous rectifier controller
Rev. 1.2 - 3 February 2023
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com