công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

741X043101J bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện 741X043101J
Giải thích chi tiết về linh kiện  THICK FILM CHIP RESISTORS ARRAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

741X043101J bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  741X043101J Datasheet HTML 1Page - List of Unclassifed Manufacturers 741X043101J Datasheet HTML 2Page - List of Unclassifed Manufacturers 741X043101J Datasheet HTML 3Page - List of Unclassifed Manufacturers 741X043101J Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Test
Test
Max. Delta R
Max. Delta R
Test Description
Test Description
741
742-746
Thermal Cycle
1.0%
1.0%
5 Cycles -55°C to +125°C
Short Time Overload
2.5%
1.0%
2½ X Rated Working Voltage for 5 Seconds
Moisture Resistance
5.0%
2.0%
240 Hours 10% rated load, -10°C to +65°, 90% R.H.
High Temperature Exposure
1.0%
1.0%
1000 Hours, no load, +125°C
Load Life
5.0%
2.0%
1000 Hours @ 70°C, rated load
Resistance to Solder Heat
2.0%
1.0%
10 Seconds @ 260°C solder
Resistance to Solvents
Isopropyl alcohol, Freon TMC
Solderability
RMA Flux, 230°C, 5 Seconds dip, 95% coverage
Test
Test
Max. Delta R
Max. Delta R
Test Description
Test Description
741
742-746
Thermal Cycle
1.0%
1.0%
5 Cycles -55°C to +125°C
Short Time Overload
2.5%
1.0%
2½ X Rated Working Voltage for 5 Seconds
Moisture Resistance
5.0%
2.0%
240 Hours 10% rated load, -10°C to +65°, 90% R.H.
High Temperature Exposure
1.0%
1.0%
1000 Hours, no load, +125°C
Load Life
5.0%
2.0%
1000 Hours @ 70°C, rated load
Resistance to Solder Heat
2.0%
1.0%
10 Seconds @ 260°C solder
Resistance to Solvents
Isopropyl alcohol, Freon TMC
Solderability
RMA Flux, 230°C, 5 Seconds dip, 95% coverage
Test
Test
Max. Delta R
Max. Delta R
Test Description
Test Description
741
742-746
Thermal Cycle
1.0%
1.0%
5 Cycles -55°C to +125°C
Short Time Overload
2.5%
1.0%
2½ X Rated Working Voltage for 5 Seconds
Moisture Resistance
5.0%
2.0%
240 Hours 10% rated load, -10°C to +65°, 90% R.H.
High Temperature Exposure
1.0%
1.0%
1000 Hours, no load, +125°C
Load Life
5.0%
2.0%
1000 Hours @ 70°C, rated load
Resistance to Solder Heat
2.0%
1.0%
10 Seconds @ 260°C solder
Resistance to Solvents
Isopropyl alcohol, Freon TMC
Solderability
RMA Flux, 230°C, 5 Seconds dip, 95% coverage
Ohms
Ohms
Code
Code
Ohms
Ohms
Code
Code
Ohms
Ohms
Code
Code
Ohms
Ohms
Code
Code
Ohms
Ohms
Code
Code
Ohms
Ohms
Code
Code
0
000
68
680
470
471
3.9K
392
33K
333
270K
274
10
100
75
750
510
511
4.7K
472
39K
393
330K
334
12
120
82
820
560
561
5.1K
512
47K
473
390K
394
15
150
100
101
680
681
5.6K
562
51K
513
470K
474
18
180
110
111
820
821
6.8K
682
56K
563
510K
514
22
220
120
121
1K
102
8.2K
822
68K
683
560K
564
27
270
150
151
1.2K
122
10K
103
82K
823
680K
684
33
330
180
181
1.5K
152
12K
123
100K
104
820K
824
39
390
220
221
1.8K
182
15K
153
120K
124
1M
105
47
470
270
271
2.2K
222
18K
183
150K
154
Series 745
33 to 470KOhm
Series 746
33 to 100KOhm
51
510
330
331
2.7K
272
22K
223
180K
184
56
560
390
391
3.3K
332
27K
273
220K
224
Ohms
Ohms
Code
Code
Ohms
Ohms
Code
Code
Ohms
Ohms
Code
Code
Ohms
Ohms
Code
Code
Ohms
Ohms
Code
Code
Ohms
Ohms
Code
Code
0
000
68
680
470
471
3.9K
392
33K
333
270K
274
10
100
75
750
510
511
4.7K
472
39K
393
330K
334
12
120
82
820
560
561
5.1K
512
47K
473
390K
394
15
150
100
101
680
681
5.6K
562
51K
513
470K
474
18
180
110
111
820
821
6.8K
682
56K
563
510K
514
22
220
120
121
1K
102
8.2K
822
68K
683
560K
564
27
270
150
151
1.2K
122
10K
103
82K
823
680K
684
33
330
180
181
1.5K
152
12K
123
100K
104
820K
824
39
390
220
221
1.8K
182
15K
153
120K
124
1M
105
47
470
270
271
2.2K
222
18K
183
150K
154
Series 745
33 to 470KOhm
Series 746
33 to 100KOhm
51
510
330
331
2.7K
272
22K
223
180K
184
56
560
390
391
3.3K
332
27K
273
220K
224
Style
741X043
741C083
741X083
742C043
741X163
742C083
742X083
742C163
743C043
743C083
744C043
744C083
745C101
745C102
745X101
745X102
746X101
Parts/Reel
10,000
5000
5000
4000
4000
4000
4000
2000
4000
4000
5000
Pitch
2mm
4mm
4mm
4mm
4mm
4mm
4mm
8mm
4mm
4mm
4mm
Carrier Width
8mm
8mm
8mm
12mm
8mm
12mm
8mm
12mm
12mm
12mm
8mm
Material
paper
paper
paper
plastic
plastic
plastic
plastic
plastic
plastic
plastic
paper
Style
741X043
741C083
741X083
742C043
741X163
742C083
742X083
742C163
743C043
743C083
744C043
744C083
745C101
745C102
745X101
745X102
746X101
Parts/Reel
10,000
5000
5000
4000
4000
4000
4000
2000
4000
4000
5000
Pitch
2mm
4mm
4mm
4mm
4mm
4mm
4mm
8mm
4mm
4mm
4mm
Carrier Width
8mm
8mm
8mm
12mm
8mm
12mm
8mm
12mm
12mm
12mm
8mm
Material
paper
paper
paper
plastic
plastic
plastic
plastic
plastic
plastic
plastic
paper
Environmental Performance Specifications
742X083101J
Style Code
Tolerance
3 digit EIA
X for zero ohm jumper
Standard Resistor Values & EIACode
Part Number Code For Ordering
Tape & Reel Information
Shown Above
Notes:
No dashes or spaces in the part number. (Example) 742X083101J
Marking on the Part Includes Resistor Code Only (741C,742, 743, 744, 745, 746).
No Marking on the Part for 741X Series.
J = ±5% (Standard)
Order From:
Your local CTS REPRESENTATIVE or CTS Corporation, Resistor/Electrocomponents
406 Parr Road, Berne, Indiana 46711
Tel:(260)-589-3111
Fax:(260)-589-3243
http://www.ctscorp.com
Note: 0 Ohm Jumper Resistance<.05 Ohms
Part Code Tolerance = X
Part Marking is “0"
G=±2% F=±1%
Resistor Code
See Standard
Package Styles
8/05/02


Số phần tương tự - 741X043101J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CTS Corporation
741X043101JP CTS-741X043101JP Datasheet
216Kb / 5P
   Chip Resistor Arrays
741X043101JP CTS-741X043101JP Datasheet
156Kb / 5P
   Chip Resistor Arrays
More results

Mô tả tương tự - 741X043101J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CN24JTN0 ETC-CN24JTN0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Convex)
SCRA024R UNIOHM-SCRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Lead Free-Convex)
logo
TT Electronics.
BCN TTELEC-BCN_18 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com