công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM115 bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện DM115
Giải thích chi tiết về linh kiện  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

DM115 bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DM115 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DM114
DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.002
Page 9
Preliminary
Timing Diagram
1. CLOCK-SERIAL OUT, OUTn
2. CLOCK-LATCH
3. ENABLE-OUTn (Current)
50%
50%
50%
50%
tpHL
tpLH
OUTn
ENABLE
50%
“L” level = DATA HOLD
SERIAL-IN
LATCH
CLOCK
tsetup(L)
50%
tw(LAT)
50%
thold
tsetup
50%
50%
90%
50%
50%
10%
10%
50%
90%
SERIAL-IN
OUTn (current)
CLOCK
twCLK
tf
tr
90%
50%
10%
10%
50%
90%
tof
tpHL
tpLH
tor
twCLK
SERIAL-OUT
50%
50%
tpLH
tpHL


Số phần tương tự - DM115

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Touch Technolog...
DM115 SITI-DM115 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
ITT Industries
DM115224-1010A ITT-DM115224-1010A Datasheet
9Mb / 301P
   D Subminiature Connectors
DM115224-1020A ITT-DM115224-1020A Datasheet
9Mb / 301P
   D Subminiature Connectors
DM115224-1040A ITT-DM115224-1040A Datasheet
9Mb / 301P
   D Subminiature Connectors
DM115224-2010A ITT-DM115224-2010A Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Mô tả tương tự - DM115

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM134B SITI-DM134B Datasheet
337Kb / 20P
   16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
   16-bit constant current LED driver with operating supply of 3.3V to 5V
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1_16 Datasheet
713Kb / 34P
[Old version datasheet]   8-Bit Constant-Current LED Sink Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com