công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

741X043 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện 741X043
Giải thích chi tiết về linh kiện  THICK FILM CHIP RESISTORS ARRAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

741X043 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  741X043 Datasheet HTML 1Page - List of Unclassifed Manufacturers 741X043 Datasheet HTML 2Page - List of Unclassifed Manufacturers 741X043 Datasheet HTML 3Page - List of Unclassifed Manufacturers 741X043 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R
Series 741, 742, 743, 744, 745, 746
Technical
THICK FILM CHIP
RESISTOR ARRAYS
* High density packaging
* Leadless surface mount construction
* Low cost
* Solder coated nickel barrier pads
* Convex or Concave Termination Options
* Tape & reel packaging
Electrical and Mechanical Specifications
Resistance Tolerance
Special: ±2% and ±1%
Temperature Coefficient (TCR)
Standard ±200ppm/°C
Operating Temperature Range
-55°C to +125°C
CTS CORPORATION / Around The World, Your Single Source For Excellence
Series
70°C Power
Per Resistor *
Maximum
Operating
Voltage
Resistance
Range Ohms
PCB Area (in²)
Per Resistor
Circuit
Type
742
.0037
Isolated
10 - 1M
.063W
50V
743
.0071
Isolated
10 - 1M
.100W
100V
744
.0094
Isolated
10 - 1M
.125W
200V
746
.0013
Bussed
33 - 100K
.031W
25V
* High Density Packaging
Up to 30% less space per resistor than 0603 chip resistors
Up to 75% less space per resistor than 0805 chip resistors
* Placement Efficiency
Networks require fewer placements than discrete components
Larger overall size eases handling compared to discrete components
* Low Profile
Can be used in PCMCIA cards
* Perfect solution for DRAM series termination or Pull up/down signal bias.
* Isolated and bussed circuits
Whichever is greater
Standard: ±5% or 0.5 Ohms
Chip Array Product Benefits
745
.0058
Bussed
33 - 470K
.063W
50V
* Note: Total Rated Package Power equals total
number of resistors times rated Power Per Resistor
741
.0015
Isolated
10 - 1M
.063W
25V
8/05/02


Số phần tương tự - 741X043

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CTS Corporation
741X043 CTS-741X043 Datasheet
156Kb / 5P
   Chip Resistor Arrays
741X043 CTS-741X043 Datasheet
182Kb / 4P
   Low Cost
741X043 CTS-741X043 Datasheet
182Kb / 4P
   Chip Resistor Arrays
741X043100FP CTS-741X043100FP Datasheet
216Kb / 5P
   Chip Resistor Arrays
741X043100FP CTS-741X043100FP Datasheet
156Kb / 5P
   Chip Resistor Arrays
More results

Mô tả tương tự - 741X043

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CN24JTN0 ETC-CN24JTN0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Convex)
SCRA024R UNIOHM-SCRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Lead Free-Convex)
logo
TT Electronics.
BCN TTELEC-BCN_18 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com