công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVX4245MTR bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện 74LVX4245MTR
Giải thích chi tiết về linh kiện  OCTAL DUAL SUPPLY BUS TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX4245MTR bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  74LVX4245MTR Datasheet HTML 1Page - STMicroelectronics 74LVX4245MTR Datasheet HTML 2Page - STMicroelectronics 74LVX4245MTR Datasheet HTML 3Page - STMicroelectronics 74LVX4245MTR Datasheet HTML 4Page - STMicroelectronics 74LVX4245MTR Datasheet HTML 5Page - STMicroelectronics 74LVX4245MTR Datasheet HTML 6Page - STMicroelectronics 74LVX4245MTR Datasheet HTML 7Page - STMicroelectronics 74LVX4245MTR Datasheet HTML 8Page - STMicroelectronics 74LVX4245MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LVX4245
5/13
Table 9: AC Electrical Characteristics (CL = 50pF, Input tr = tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
2) Parameter guaranteed by design
3) Typical values at VCCA = 5.0V, VCCB = 3.3V
(*) Voltage range is 3.0V
± 0.3V
Symbol
Parameter
Test Condition
Value (3)
Unit
VCCB
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
Propagation Delay
Time (An to Bn)
2.7
1.0
10.0
1.0
11.0
ns
3.0(*)
1.0
5.1
8.5
1.0
9.0
1.0
10.0
tPHL
Propagation Delay
Time (An to Bn)
2.7
1.0
10.0
1.0
11.0
3.0(*)
1.0
5.3
8.5
1.0
9.0
1.0
10.0
tPZL
Output Enable
Time (G to Bn)
2.7
1.0
11.5
1.0
12.5
ns
3.0(*)
1.0
6.5
10.0
1.0
10.5
1.0
11.5
tPZH
Output Enable
Time (G to Bn)
2.7
1.0
11.5
1.0
11.5
3.0(*)
1.0
6.7
10.0
1.0
10.5
1.0
11.5
tPLZ
Output Disable
Time (G to Bn)
2.7
1.0
10.0
1.0
11.0
ns
3.0(*)
1.0
6.0
9.5
1.0
10.0
1.0
11.0
tPHZ
Output Disable
Time (G to Bn)
2.7
1.0
7.5
1.0
8.5
3.0(*)
1.0
3.3
6.5
1.0
7.0
1.0
8.0
tPLH
Propagation Delay
Time (Bn to An)
2.7
1.0
10.0
1.0
11.0
ns
3.0(*)
1.0
5.4
8.5
1.0
9.0
1.0
10.0
tPHL
Propagation Delay
Time (Bn to An)
2.7
1.0
10.0
1.0
11.0
3.0(*)
1.0
5.5
8.5
1.0
9.0
1.0
10.0
tPZL
Output Enable
Time (G to An)
2.7
1.0
10.0
1.0
11.0
ns
3.0(*)
1.0
5.2
9.0
1.0
9.5
1.0
10.5
tPZH
Output Enable
Time (G to An)
2.7
1.0
10.0
1.0
11.0
3.0(*)
1.0
5.8
9.0
1.0
9.5
1.0
10.5
tPLZ
Output Disable
Time (G to An)
2.7
1.0
7.5
1.0
8.5
ns
3.0(*)
1.0
3.9
7.0
1.0
7.5
1.0
8.5
tPHZ
Output Disable
Time (G to An)
2.7
1.0
7.5
1.0
8.5
3.0(*)
1.0
2.9
6.5
1.0
7.0
1.0
8.0
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
2.7
0.5
1.0
1.5
1.5
ns
3.3(**)
0.5
1.0
1.5
1.5


Số phần tương tự - 74LVX4245MTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LVX4245MTC FAIRCHILD-74LVX4245MTC Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
74LVX4245MTC NSC-74LVX4245MTC Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74LVX4245MTCX FAIRCHILD-74LVX4245MTCX Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
74LVX4245MTCX NSC-74LVX4245MTCX Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
More results

Mô tả tương tự - 74LVX4245MTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC3245 STMICROELECTRONICS-74LVXC3245 Datasheet
345Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
   Dual Supply Octal Bus Transceiver
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com