công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R-545.0DA bảng dữ liệu(PDF) 3 Page - Recom International Power |
|
R-545.0DA bảng dữ liệu(HTML) 3 Page - Recom International Power |
3 / 6 page 130 www.recom-international.com 24-August-2005 R-5xxxPA_DA Series Standard Application Circuit INNOLINE DC/DC-Converter Vout Com Vin TTL Com 2, 3, 4 9, 10 R-52XX R-53XX R-54XX R-55XX R1 (Adjust down) R2 (Adjust up) 12 5, 6, 7,8 1µF (Optional) 1 C1 OFF ON Q1 C2 (Req'd) 100µF/10V or 220µF/10V (see Note 1) 11 Com ON/OFF Control Q1 C1 100µF/25V (REQ`D) Vin 1 C2-1 100µF/10V (REQ`D) C2-2 100µF/10V (REQ`D) Com Vout must be connected together 2 3 4 5 6 7 8 9 10 11 12 1 2 3 4 5 6 7 8 9 10 11 12 U2 U1 1 12 1 12 U1 U2 Keep 2mm to 5mm distance between both converters Component side 1 U1 U2 To Load C1 1 12 12 C2-1 C2-2 Solder side Parallel Application Circuit The R-52xx, R-53xx, R-54xx series can be used in parallel to upgrade the output current capacity for the same output voltage. For example, the R-543.3PA can parallel up with another R-554.3PA to give up to 8 amps or with the R-533.3PA or R-523.3PA types to give output currents of up to 7 Amps or 6 Amps. The R-55xx series cannot be paralleled. |
Số phần tương tự - R-545.0DA |
|
Mô tả tương tự - R-545.0DA |