công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJ15023 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MJ15023
Giải thích chi tiết về linh kiện  SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15023 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MJ15023 Datasheet HTML 1Page - ON Semiconductor MJ15023 Datasheet HTML 2Page - ON Semiconductor MJ15023 Datasheet HTML 3Page - ON Semiconductor MJ15023 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ15023 MJ15025
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 100 mAdc, IB = 0)
MJ15023
MJ15025
VCEO(sus)
200
250
Collector Cutoff Current
(VCE = 200 Vdc, VBE(off) = 1.5 Vdc)
MJ15023
(VCE = 250 Vdc, VBE(off) = 1.5 Vdc)
MJ15025
ICEX
250
250
µAdc
Collector Cutoff Current
(VCE = 150 Vdc, IB = 0)
MJ15023
(VCE = 200 Vdc, IB = 0)
MJ15025
ICEO
500
500
µAdc
Emitter Cutoff Current
(VCE = 5 Vdc, IB = 0)
Both
IEBO
500
µAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
(VCE = 50 Vdc, t = 0.5 s (non–repetitive))
(VCE = 80 Vdc, t = 0.5 s (non–repetitive))
IS/b
5
2
Adc
ON CHARACTERISTICS
DC Current Gain
(IC = 8 Adc, VCE = 4 Vdc)
(IC = 16 Adc, VCE = 4 Vdc)
hFE
15
5
60
Collector–Emitter Saturation Voltage
(IC = 8 Adc, IB = 0.8 Adc)
(IC = 16 Adc, IB = 3.2 Adc)
VCE(sat)
1.4
4.0
Vdc
Base–Emitter On Voltage
(IC = 8 Adc, VCE = 4 Vdc)
VBE(on)
2.2
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 1 Adc, VCE = 10 Vdc, ftest = 1 MHz)
fT
4
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
600
pF
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle v 2%.
100
Figure 1. Active–Region Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
0.2
0.5
10
1 k
20
TC = 25°C
50
250
0.1
0.2
1.0
5.0
50
500
100
10
20
BONDING WIRE LIMITED
THERMAL LIMITATION
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
There are two limitations on the powerhandling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 1 is based on TJ(pk) = 200_C; TC is
variable depending on conditions. At high case temper-
atures, thermal limitations will reduce the power that can be
handled to values less than the limitations imposed by
second breakdown.


Số phần tương tự - MJ15023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
MJ15023 MOSPEC-MJ15023 Datasheet
141Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
logo
Motorola, Inc
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
   16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
logo
Wing Shing Computer Com...
MJ15023 WINGS-MJ15023 Datasheet
63Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023 Datasheet
72Kb / 4P
   Silicon Power Transistors
February, 2006 ??Rev. 10
logo
Savantic, Inc.
MJ15023 SAVANTIC-MJ15023 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
More results

Mô tả tương tự - MJ15023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com