công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS2596CM5 bảng dữ liệu(PDF) 3 Page - Taiwan Semiconductor Company, Ltd |
|
TS2596CM5 bảng dữ liệu(HTML) 3 Page - Taiwan Semiconductor Company, Ltd |
3 / 6 page TS2596 3-6 2003/12 rev. D Electrical Characteristics (Continued) Vin = 12V, IL = 500mA, Ta = 25 oC unless otherwise specified. TS2596 Adjustable Feedback Voltage (Note 1) 0.2A ≤ IL ≤ 3A, 8V ≤ Vin ≤ 40V, Vout=5V (Figure 2) 0.96|Vo| 1.23 1.04|Vo| V Efficiency Vin=12V, Vout=5V, IL=3A -- 75 -- % All Output Voltage Version (Vin= 12V, IL = 500mA) Oscillator Frequency (Note 2) 127 150 173 kHz Quiescent Current (Note 3) -- 5 10 mA Standby Current ENABLE =5V -- 70 200 uA Saturation Voltage (Note 4) ILOAD=3A -- 1.2 1.5 V Feedback Bias Current VOUT=5V (Adj. Version only) -- 50 100 nA Duty Cycle (Note 5) Operating (ON) 93 98 -- % Current Limit (Note 2)(Note 4) -- 4.5 -- A VOUT=0V -- 0.3 2 Output Leakage Current (Note 3) VOUT=-1V -- 7.5 30 mA VIH (VOUT=0V) 2.0 -- -- ENABLE Threshold Voltage VIL(VOUT=Normal Output Voltage) -- -- 0.6 V IIH (ENABLE =5V) -- 12 30 ENABLE Input Current IIH (ENABLE =0V) -- 0 10 uA Note 1: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. Refer to Application information for details. Note 2: The oscillator frequency reduces when the second stage current limit is activated. The amount of reduction is determined by the severity of current over load. Note 3: For these parameters, FB is removed from VOUT and connected to +12V to force the output transistor OFF. Note 4: VOUT pin sourcing current. No diode, inductor or capacitor connected to VOUT. Note 5: FB is removed from VOUT and connected to 0V. |
Số phần tương tự - TS2596CM5 |
|
Mô tả tương tự - TS2596CM5 |