công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK14C88-M bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện STK14C88-M
Giải thích chi tiết về linh kiện  32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

STK14C88-M bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK14C88-M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14C88-M Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
STK14C88-M
April 1999
5-52
HSB OPERATION
The STK14C88-M provides the HSB pin for control-
ling and acknowledging the STORE operations. The
HSB pin can be used to request a hardware STORE
cycle. When the HSB pin is driven low, the
STK14C88-M will conditionally initiate a STORE
operation after t
DELAY; an actual STORE cycle will only
begin if a WRITE to the SRAM took place since the
last STORE or RECALL cycle. The HSB pin acts as
an open drain driver that is internally driven low to
indicate a busy condition while the STORE (initiated
by any means) is in progress.
SRAM READ
and WRITE operations that are in
progress when HSB is driven low by any means are
given time to complete before the STORE operation
is initiated. After HSB goes low, the STK14C88-M
will continue SRAM operations for t
DELAY. During tDELAY,
multiple SRAM READ operations may take place. If a
WRITE
is in progress when HSB is pulled low it will
be allowed a time, t
DELAY, to complete. However, any
SRAM WRITE
cycles requested after HSB goes low
will be inhibited until HSB returns high.
The HSB pin can be used to synchronize multiple
STK14C88-Ms while using a single larger capacitor.
To operate in this mode, the HSB pin should be con-
nected together to the HSB pins from the other
STK14C88-Ms. An external pull-up resistor to + 5V
is required since HSB acts as an open drain pull
down. The V
CAP pins from the other STK14C88-M
parts can be tied together and share a single capac-
itor. The capacitor size must be scaled by the num-
ber of devices connected to it. When any one of the
STK14C88-Ms detects a power loss and asserts
HSB, the common HSB pin will cause all parts to
request a STORE cycle (a STORE will take place in
those STK14C88-Ms that have been written since
the last nonvolatile cycle).
During any STORE operation, regardless of how it
was initiated, the STK14C88-M will continue to drive
the HSB pin low, releasing it only when the STORE is
complete. Upon completion of the STORE operation
the STK14C88-M will remain disabled until the HSB
pin returns high.
If HSB is not used, it should be left unconnected.
PREVENTING STORES
The STORE function can be disabled on the fly by
holding HSB high with a driver capable of sourcing
30mA at a V
OH of at least 2.2V, as it will have to over-
power the internal pull-down device that drives HSB
low for 20
µs at the onset of a STORE. When the
STK14C88-M is connected for
AutoStore™ opera-
tion (system V
CC
connected to V
CCX
and a 68
µF
capacitor on V
CAP) and VCC crosses VSWITCH on the
way down, the STK14C88-M will attempt to pull HSB
low; if HSB doesn’t actually get below V
IL, the part
will stop trying to pull HSB low and abort the STORE
attempt.
HARDWARE PROTECT
The
STK14C88-M
offers
hardware
protection
against inadvertent STORE operation and SRAM
WRITE
s during low-voltage conditions. When V
CAP <
V
SWITCH, all externally initiated STORE operations and
SRAM WRITE
s are inhibited.
AutoStore™ can be completely disabled by tying
V
CCX to ground and applying + 5V to VCAP. This is the
AutoStore™ Inhibit mode; STOREs are only initiated
by
explicit
request
using
either
the
software
sequence or the HSB pin in this mode.
LOW AVERAGE ACTIVE POWER
The STK14C88-M will draw significantly less current
when it is cycled at times longer than 50ns. Figure 5
shows the relationship between I
CC and READ cycle
time. Worst-case current consumption is shown for
both CMOS and TTL input levels (commercial tem-
perature range, V
CC = 5.5V, 100% duty cycle on chip
enable). Figure 6 shows the same relationship for
WRITE
cycles. If the chip enable duty cycle is less
than 100%, only standby current is drawn when the
chip is disabled.
The
overall
average
current
drawn
by
the
STK14C88-M depends on the following items:
1) CMOS vs. TTL input levels; 2) the duty cycle of
chip enable; 3) the overall cycle rate for accesses;
4) the ratio of READsto WRITEs; 5) the operating
temperature; 6) the V
CC level; and 7) I/O loading.


Số phần tương tự - STK14C88-M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
More results

Mô tả tương tự - STK14C88-M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com