công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJ11013 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MJ11013
Giải thích chi tiết về linh kiện  DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11013 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MJ11013 Datasheet HTML 1Page - ON Semiconductor MJ11013 Datasheet HTML 2Page - ON Semiconductor MJ11013 Datasheet HTML 3Page - ON Semiconductor MJ11013 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ11013 MJ11015 MJ11012 MJ11014 MJ11016
3
Motorola Bipolar Power Transistor Device Data
30 k
0.3
Figure 2. DC Current Gain (1)
IC, COLLECTOR CURRENT (AMP)
0.5 0.7
1
2
3
10
20
30
7 k
3 k
2 k
700
Figure 3. Small–Signal Current Gain
2
10
f, FREQUENCY (kHz)
20
30
50
70
200 300
500
1.0 k
0.2
0.05
0.02
0.01
10 k
5 k
VCE = 5 Vdc
TJ = 25°C
500
300
5
7
100
5
0.1
Figure 4. “On” Voltages (1)
IC, COLLECTOR CURRENT (AMP)
100
0
VBE(sat)
Figure 5. Active Region DC Safe Operating Area
20 k
PNP MJ11013, MJ11015
NPN MJ11012, MJ11014, MJ11016
4
3
2
1
50
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
3
5
10
20
200
10
5
0.01
20
2
1
0.2
0.1
0.5
0.05
0.02
50
TJ = 25°C
IC/IB = 100
VCE = 3 Vdc
IC = 10 mAdc
TJ = 25°C
0.1
0.5
1
0.005
700
MJ11012
MJ11013, MJ11014
MJ11015, MJ11016
2
7
30
70
100
2
20
50
0.2
0.5
1
10
5
VCE(sat)
PNP MJ11013, MJ11015
NPN MJ11012, MJ11014, MJ11016
PNP MJ11013, MJ11015
NPN MJ11012, MJ11014, MJ11016
BONDING WIRE LIMITATION
THERMAL LIMITATION @ TC = 25°C
SECOND BREAKDOWN LIMITATION
There are two limitations on the power handling ability of a
transistor average junction temperature and secondary
breakdown. Safe operating area curves indicate IC – VCE lim-
its of the transistor that must be observed for reliable opera-
tions e.g., the transistor must not be subjected to greater
dissipation than the curves indicate.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the limita-
tions imposed by secondary breakdown.


Số phần tương tự - MJ11013

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
MJ11013 MOSPEC-MJ11013 Datasheet
140Kb / 3P
   POWER TRANSISTORS(30A,60-120V,200W)
logo
Motorola, Inc
MJ11013 MOTOROLA-MJ11013 Datasheet
157Kb / 4P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
Wing Shing Computer Com...
MJ11013 WINGS-MJ11013 Datasheet
21Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Central Semiconductor C...
MJ11013 CENTRAL-MJ11013 Datasheet
54Kb / 1P
   Power Transistors
logo
Inchange Semiconductor ...
MJ11013 ISC-MJ11013 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Mô tả tương tự - MJ11013

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com