công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJ10021 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MJ10021
Giải thích chi tiết về linh kiện  NPN SILICON POWER DARLINGTON TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ10021 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MJ10021 Datasheet HTML 1Page - ON Semiconductor MJ10021 Datasheet HTML 2Page - ON Semiconductor MJ10021 Datasheet HTML 3Page - ON Semiconductor MJ10021 Datasheet HTML 4Page - ON Semiconductor MJ10021 Datasheet HTML 5Page - ON Semiconductor MJ10021 Datasheet HTML 6Page - ON Semiconductor MJ10021 Datasheet HTML 7Page - ON Semiconductor MJ10021 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJ10020 MJ10021
5
Motorola Bipolar Power Transistor Device Data
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times
have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive
loads which are common to SWITCHMODE power supplies
and hammer drivers, current and voltage waveforms are not
in phase. Therefore, separate measurements must be made
on each waveform to determine the total switching time. For
this reason, the following new terms have been defined.
tsv = Voltage Storage Time, 90% IB1 to 10% VCEM
trv = Voltage Rise Time, 10–90% VCEM
tfi = Current Fall Time, 90–10% ICM
tti = Current Tail, 10–2% ICM
tc = Crossover Time, 10% VCEM to 10% ICM
An enlarged portion of the inductive switching waveforms is
shown in Figure 7 to aid in the visual identity of these terms.
For the designer, there is minimal switching loss during
storage time and the predominant switching power losses
occur during the crossover interval and can be obtained us-
ing the standard equation from AN–222A:
PSWT = 1/2 VCC IC (tc) f
In general, trv + tfi ^ tc. However, at lower test currents this
relationship may not be valid.
As is common with most switching transistors, resistive
switching is specified at 25
°C and has become a benchmark
for designers. However, for designers of high frequency con-
verter circuits, the user oriented specifications which make
this a “SWITCHMODE” transistor are the inductive switching
speeds (tc and tsv) which are guaranteed at 100_C.
Figure 10. Typical Turn–On Switching Times
IC, COLLECTOR CURRENT (AMPS)
2.0
3.0
5.0 7.0 10
20
60
Figure 11. Typical Turn–Off Switching Times
IC, COLLECTOR CURRENT (AMPS)
Figure 12. Thermal Response
t, TIME (ms)
1.0
0.01
0.1
0.1
1.0
10
100
10000
R
θJC(t) = RθJC
R
θJC(t) = 0.7°C/W MAX
DETERMINE t2 FOR POWER
PULSE AND READ r(t)
TJ(pk) = TC + P(pk) R
θJC(t)
P(pk)
t1
SINGLE PULSE
1000
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
tf
VCC = 175 V
IC/IB = 25
VBE(off) = 5 V
TJ = 25°C
VCC = 175 V
IC/IB = 25
TJ = 25°C
ts
td
tr
40
0.6 0.8 1.0
2.0
3.0
5.0 7.0 10
20
60
40
0.6 0.81.0
RESISTIVE SWITCHING


Số phần tương tự - MJ10021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
MJ10021 MOSPEC-MJ10021 Datasheet
211Kb / 4P
   POWER TRANSISTORS(60A,200-250V,250W)
logo
Motorola, Inc
MJ10021 MOTOROLA-MJ10021 Datasheet
293Kb / 8P
   60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
logo
New Jersey Semi-Conduct...
MJ10021 NJSEMI-MJ10021 Datasheet
101Kb / 2P
   NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
logo
Continental Device Indi...
MJ10021 CDIL-MJ10021 Datasheet
1Mb / 10P
   NPN Silicon Power DarligtonTransistor with Base-Emitter Speedup Diode 60 AMPERE, 200 AND 250 VOLTS, 250 WATTS
Rev0
More results

Mô tả tương tự - MJ10021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com